Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX500-U4I Datasheet(PDF) 2 Page - C&D Technologies

Part # PX500-U4I
Description  500 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500-U4I Datasheet(HTML) 2 Page - C&D Technologies

  PX500-U4I Datasheet HTML 1Page - C&D Technologies PX500-U4I Datasheet HTML 2Page - C&D Technologies PX500-U4I Datasheet HTML 3Page - C&D Technologies PX500-U4I Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PX500 1/98 REV A
Page 2
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
120VAC, cold start
30
APK
240VAC, cold start
70
APK
Efficiency
120VAC, full load
70%
240VAC, full load
75%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-2-3 (formerly IEC 555-2)
Remote Sense
Remote Sense is provided on Output #1 and will com-
pensate for 1.0V of line drop. Remote Sense leads are
protected against open, short and reversal.
Remote On/Off (Optional)
The power supply is turned on with a TTL logic ‘1’ (or
open) signal and turned off by a switch closure or TTL
logic ‘0’ referenced to (-) sense terminal. Consult the
factory for other options.
Over Voltage Protection
Output #1: 6.5V, ±0.5 VDC
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 400
µsec for a 25% step load.
Output Isolation
All outputs are fully isolated.
N+1 Load Share
Output #1 has active load sharing circuitry. Units will load
share within 1.0% of Maximum Rated Load.
Power Fail Signal
Upon AC input voltage removal, the power fail signal
drops to logic zero at least 5msec before loss of DC
output. Upon AC input turn-on, signal remains low until
outputs are in regulation. Consult the factory for other
options.
Over Temperature Protection
Internal thermal switch turns off power supply if over-
heating occurs and automatically restarts. Automatic
restart when temperature drops below threshold.
Safety
UL Recognized: UL File Number E14675 (1950 & 1012)
CSA Certified: CSA File Number LR 9070-154C
(C22.2 No9. 234-M90, Level 6)
TUV License Number: R9576030 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 40 CFM of airflow.


Similar Part No. - PX500-U4I

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
PX500U3ABFHPHM CANDD-PX500U3ABFHPHM Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
PX500U3BBFHPHM CANDD-PX500U3BBFHPHM Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
PX500U4CBFHPHM CANDD-PX500U4CBFHPHM Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
PX500U4CBFHPHMC CANDD-PX500U4CBFHPHMC Datasheet
276Kb / 4P
   AC/DC 500W Multiple Output Power Supply
More results

Similar Description - PX500-U4I

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX500 CANDD-SX500 Datasheet
475Kb / 4P
   500 WATT AC/DC POWER SUPPLY
KX500 CANDD-KX500 Datasheet
204Kb / 4P
   500 WATT AC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
   AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
   100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
   25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
   10 Watt AC/DC Power Supply
logo
C&D Technologies
TX1000 CANDD-TX1000 Datasheet
161Kb / 4P
   1000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
   1000 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com