Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR5912 Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR5912
Description  .5-1.0 WATT DUAL-IN-LINE REGULATED DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR5912 Datasheet(HTML) 2 Page - C&D Technologies

  PWR5912 Datasheet HTML 1Page - C&D Technologies PWR5912 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PWR59XX 7/99 REV A
Page 2
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, and rated output current unless otherwise specified.
NOMINAL
RATED
RATED
REFLECTED
RATED
INPUT
OUTPUT
OUTPUT
NO
RATED
RIPPLE
OUTPUT
VOLTAGE
VOLTAGE
CURRENT
LOAD
LOAD
CURRENT
EFFICIENCY
POWER
MODEL
(VDC)(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
(mW)
PWR5900
5
5
100
40
175
10
57
500
PWR5901
5
9
111
40
345
10
57
1000
PWR5902
5
12
83
40
345
10
57
1000
PWR5903
5
15
67
40
345
10
57
1000
PWR5904
5
±5
±50
40
175
10
57
500
PWR5905
5
±12
±42
40
345
10
57
1000
PWR5906
5
±15
±33
40
345
10
57
1000
PWR5907
12
5
100
35
100
30
42
500
PWR5908
12
9
111
35
170
30
49
1000
PWR5909
12
12
83
35
150
30
55
1000
PWR5910
12
15
67
35
150
30
55
1000
PWR5911
12
±5
±50
35
76
30
55
500
PWR5912
12
±12
±42
35
150
30
55
1000
PWR5913
12
±15
±33
35
150
30
55
1000
PWR5914
15
5
100
30
76
20
44
500
PWR5915
15
9
111
30
135
20
50
1000
PWR5916
15
12
83
30
120
20
55
1000
PWR5917
15
15
67
30
120
20
55
1000
PWR5918
15
±5
±50
30
60
20
55
500
PWR5919
15
±12
±42
30
120
20
55
1000
PWR5920
15
±15
±33
30
120
20
55
1000
PWR5921
24
5
100
15
43
10
48
500
PWR5922
24
9
111
15
83
10
50
1000
PWR5923
24
12
83
15
73
10
55
1000
PWR5924
24
15
67
15
73
10
55
1000
PWR5925
24
±5
±50
15
40
10
55
500
PWR5926
24
±12
±42
15
73
10
60
1000
PWR5927
24
±15
±33
15
73
10
60
1000
INPUT CURRENT
Note: Other input to output voltages may be available. Please consult factory.
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ................................................... Continuous
Internal Power Dissipation .................................................................. 1.5W
Lead Soldering Temperature (10seconds, max) ............................ +300°C
Device Family
PWR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
Screening Option
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, and rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Input Voltage Range
4.75
5
5.25
VDC
11.4
12
12.6
VDC
14.25
15
15.75
VDC
22.8
24
25.2
VDC
ISOLATION
Rated Voltage
750
VDC
Test Voltage
60 Hz, 10 Seconds
750
Vpk
Resistance
10
GW
Capacitance
50
pF
Leakage Current
V
ISO = 240V
AC
, 60Hz
4
µArms
OUTPUT
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Temperature Coefficient
±0.02
%/°C
Ripple & Noise
No External Components
50
mVp-p
(BW = DC to 20MHz)
10µF Across Each Output
5
mVrms
10µF Across Each Output
10
20
mVp-p
Line Regulation
±0.3
%
Load Regulation
No Load to Rated Load
±0.4
%
GENERAL
Switching Frequency
All Models Except 24V
IN
500
kHz
24V
IN Models
200
kHz
MTTF per MIL-HDBK-217, Rev. E
*
900
kHr
Package Weight
11
g
TEMPERATURE
Specification
–25
+25
+85
°C
Operation
–40
+100
°C
Storage
–40
+110
°C
PWR 59XX
/H
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.770.9369
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545


Similar Part No. - PWR5912

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR5900C MURATA-PS-PWR5900C Datasheet
143Kb / 2P
   .5 - 1.0 WATT DUAL-IN-LINE REGULATED DC/DC CONVERTER R C
PWR5904C MURATA-PS-PWR5904C Datasheet
143Kb / 2P
   .5 - 1.0 WATT DUAL-IN-LINE REGULATED DC/DC CONVERTER R C
More results

Similar Description - PWR5912

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR5900C MURATA-PS-PWR5900C Datasheet
143Kb / 2P
   .5 - 1.0 WATT DUAL-IN-LINE REGULATED DC/DC CONVERTER R C
logo
C&D Technologies
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
   1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
LP02U CANDD-LP02U Datasheet
64Kb / 2P
   UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
logo
Murata Power Solutions ...
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com