Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110IMX7-15-15-8 Datasheet(PDF) 4 Page - Power-One

Part # 110IMX7-15-15-8
Description  IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

110IMX7-15-15-8 Datasheet(HTML) 4 Page - Power-One

  110IMX7-15-15-8 Datasheet HTML 1Page - Power-One 110IMX7-15-15-8 Datasheet HTML 2Page - Power-One 110IMX7-15-15-8 Datasheet HTML 3Page - Power-One 110IMX7-15-15-8 Datasheet HTML 4Page - Power-One 110IMX7-15-15-8 Datasheet HTML 5Page - Power-One 110IMX7-15-15-8 Datasheet HTML 6Page - Power-One 110IMX7-15-15-8 Datasheet HTML 7Page - Power-One 110IMX7-15-15-8 Datasheet HTML 8Page - Power-One 110IMX7-15-15-8 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
®
BCD20007-G Rev AD, 4-Nov-09
Page 4 of 15
www.power-one.com
IMX7/IMS7 DC-DC Series Data Sheet
7-Watt DC-DC Converters
Electrical Input Data
General conditions:
–TA = 25 °C, unless TC is specified.
– Connector pin i connected with Vi–.
– Trim or R input not connected.
Table 2a: Input data of IMX7
Input
20IMX7
40IMX7
70IMX7
110IMX7
Characteristics
Conditions
min
typ
max
min
typ max
min
typ max min
typ max Unit
Vi
Input voltage range1
TC min – TC max
8.4
36
16.8 6
75
40
121 60
150
V
Vi nom
Nominal input voltage
Io = 0 – Io nom
20
40
70
110
Vi sur
Repetitive surge voltage
abs. max input (3 s)
50 5
100
150
tstart up
Converter 2
switch on
Worst case condition at
0.25
0.5
0.25 0.5
0.25 0.5
0.25 0.5
s
start-up time
inh. release
Vi min and full load
0.1
0.1
0.1
0.1
t rise
Rise time 2
Vi nom
resistive load
5
5
5
5
ms
Io nom
capacitive load
12
12
12
12
Ii o
No load input current
Io = 0, Vi min – Vi max
15
30
8
15
8
15
8
15
mA
C i
Input capacitance
(for surge calculation)
4.7
0.5
0.2
0.2
μF
Vinh
Inhibit voltage
converter operating
–10
+0.8
–10
+0.8
–10
+0.8 –10
+0.8
V
converter inhibited
2.4
Vi max 2.4
Vi max
2.4
Vi max 2.4
Vi max
or open
or open
or open
or open
Iinh
Inhibit current
converter operating
–0.5
–0.5
–0.5
– 0.5
mA
converter inhibited
1
1
1
1
Ii inh
Input current when the
Vi min – Vi max
33
3
3
converter is inhibited
Iinr p
Inrush peak current
Vi = Vi nom 4
3.8
3.7
4.2
5.6
A
fs
Switching frequency
Vi min – Vi max, Io = 0 – Io nom
approx. 400
approx. 400
approx. 400
approx. 300
kHz
Ii rr
Reflected ripple current
Io = 0 – Io nom
50
30
20
10
mApp
Vi RFI
Input RFI level conducted
EN 55022 3
BB
B
B
1 Vi min will not be as stated, if Vo is increased above Vo nom by use of the R or Trim input. If the output voltage is set to a higher value, Vi min
will be proportionally increased.
2 Measured with a resistive and the max. admissible capacitive load.
3 Measured with a lead length of 0.1 m, leads twisted. Double-output models with both outputs in parallel. 70/110 IMX7 models need an
external capacitor at the input, e.g., 1
μF film or ceramic.
4 Source impedance according to ETS 300132-2, version 4.3, at Vi nom.
5 The DC-DC converter shuts down automatically at approx. 38 V.
6 Operation at lower input voltage possible: Po approx. 80% of Po nom at Vi min = 14.4 V.
Fig. 3
Converter start-up and rise time
Vo nom
Vo
tstart up
trise
t
04008a


Similar Part No. - 110IMX7-15-15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
110IMX7-15-15-8 BEL-110IMX7-15-15-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 110IMX7-15-15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com