Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX7-15-15-8 Datasheet(PDF) 11 Page - Power-One

Part # 40IMX7-15-15-8
Description  IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX7-15-15-8 Datasheet(HTML) 11 Page - Power-One

Back Button 40IMX7-15-15-8 Datasheet HTML 7Page - Power-One 40IMX7-15-15-8 Datasheet HTML 8Page - Power-One 40IMX7-15-15-8 Datasheet HTML 9Page - Power-One 40IMX7-15-15-8 Datasheet HTML 10Page - Power-One 40IMX7-15-15-8 Datasheet HTML 11Page - Power-One 40IMX7-15-15-8 Datasheet HTML 12Page - Power-One 40IMX7-15-15-8 Datasheet HTML 13Page - Power-One 40IMX7-15-15-8 Datasheet HTML 14Page - Power-One 40IMX7-15-15-8 Datasheet HTML 15Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
®
BCD20007-G Rev AD, 4-Nov-09
Page 11 of 15
www.power-one.com
IMX7/IMS7 DC-DC Series Data Sheet
7-Watt DC-DC Converters
Electromagnetic Emissions
typically occur in many installations, but especially in battery-
driven mobile applications.
Electromagnetic Compatibility (EMC)
A suppressor diode together with an input filter form an
effective protection against high input transient voltages, which
Fig. 16a
20IMX7-15-15-8: Typical conducted emissions (peak) at the
input at Vi nom and Io nom according to EN 55011/22. Output
leads 0.1 m, twisted. External input capacitor (1
μF ceramic +
100
μF electrolytic cap)
Electromagnetic Immunity
Table 8: Immunity type tests
Phenomenon
Standard
Class
Coupling
Value
Waveform
Source
Test
In
Per-
level
mode 1
applied
imped.
procedure
oper.
form.2
Electrostatic
IEC/EN
2
contact discharge
4000 Vp
1/50 ns
330
Ω
10 positive and
yes
B
discharge
61000-4-2
3
air discharge
8000 Vp
10 negative
to case 5
discharges
Electromagnetic
IEC/EN
3 6
antenna
10 V/m
AM 80%
n.a.
80 – 1000 MHz
yes
A
field
2 3
3 V/m 3
1 kHz
ENV 50204
3
antenna
10 V/m
PM, 50% duty
n.a.
900 MHz
yes
A
2 3
3 V/m 3
cycle, 200 Hz
repetition frequ.
Electrical fast
IEC/EN
4
direct +i/–i
4000 Vp
bursts of 5/50 ns
50
Ω
60 s positive,
yes
B
transients/burst
61000-4-4
3 3
2000 Vp 3 5 kHz repet. rate,
60 s negative
transients with
transients per
15 ms burst
coupling mode
duration, and
300 ms period
Surges
IEC/EN
3 4
+i/–i
2000 Vp
1.2/50
μs2
Ω
5 pos. and 5 neg.
yes
B
61000-4-5
2 3 4
1000 Vp 3
surges
RF conducted
IEC/EN
3
+i /–i
10 VAC
AM modul. 80%
50
Ω
0.15 to 80 MHz
yes
A
immunity
61000-4-6
2 3
3 VAC
1 kHz
150
Ω
1 i = input, o = output
2 Performance criterion: A = normal operation, no deviation from specifications, B = temporary deviation from specs possible
3 Valid for 24IMS7 and 48IMS7
4 External components required
5 R or Trim pin open, i pin connected with Vi–
6 Corresponds to the railway standard EN 50121-3-2:2000, table 9.1
PMM 8000 PLUS
Date: 5.9.07
Time: 08:00
dbμV
80
60
20
40
0
0.2
0.5
1
2
5
10
20 MHz
EN 55022 A
40IMX7-24-24-8
Peak
Name: 40_7_24
20IMX7-15-15-8
Peak
PMM 8000 PLUS
Name: 20_7_15
Date: 5.9.07
Time: 08:18
dbμV
80
60
20
40
0
0.2
0.5
1
2
5
10
20 MHz
EN 55022 A
Fig. 16b
40IMX7-24-24-8: Typical conducted emissions (peak) at the
input at Vi nom and Io nom according to EN 55011/22. Output
leads 0.1 m, twisted. External input capacitor (1
μF ceramic +
47
μF electrolytic cap)


Similar Part No. - 40IMX7-15-15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
40IMX7-15-15-8 BEL-40IMX7-15-15-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 40IMX7-15-15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com