Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

199DBSPST-NO-DM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 199DBSPST-NO-DM
Description  SPDT, DPDT, DPST-N.O., SPST-N.C.-D.B. & SPST-N.O.-D.M., 10 TO 50 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

199DBSPST-NO-DM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 199DBSPST-NO-DM Datasheet HTML 2Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 3Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 4Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 5Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 6Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 7Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 8Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 9Page - List of Unclassifed Manufacturers 199DBSPST-NO-DM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GENERAL
GENERAL SPECIFICA
SPECIFICATIONS
TIONS
COIL
Pull-in Voltage:
Dropout Voltage:
Coil Resistance:
Coil Power:
Max. Coil Dissipation:
Duty:
CONTACTS
Contact Material:
Contact Rating:
DC Rating:
Auxiliary Switch:
40 milliseconds max. @ nominal voltage
30 milliseconds max. @ nominal voltage.
1500 V rms
2200 V rms
(AC) -30˚C to +50˚C,
(DC) -30˚C +60˚C
-55˚C to +100˚C
100,000 operations
@ rated resistive load
1,000,000 operations @ no load
6-32 combination head screws
8-32 combination head screws
Molded phenolic, UL recognized (QMFZ2)
312 grams approx.
DIELTIMING
Operate Time:
Release Time:
ECTRIC STRENGTH
Between Open Contacts:
Mutually Insulated
Conductive elements:
TEMPERATURE
Operating Range:
Non-Operating Storage
Range:
LIFE EXPECTANCY
Electrical:
Mechanical:
MISCELLANEOUS
Coil Terminals:
Load Terminals:
Base Material:
Weight:
290
Ω
290
Ω
290
Ω
6000
Ω
290
Ω
6000
Ω
W199ABX-14
W199ABMX-7
W199BX-13
W199BX-14
W199BMX-13
W199BMX-14
120 VAC
120 VAC
24 VDC
110 VDC
24 VDC
110 VDC
AC OPERATED
VERTICAL MOUNTING
RECOMMENDED WITH
CONTACTS UP
UP
2.53 MAX.
(64.3)
3.12 MAX.
(79.2)
0.375
(9.5)
1.62
(41.14)
1.87
(47.5)
2.50 MAX.
(63.5)
0.187 DIA.
(2 PLACES)
AC OPERATED WITH SPDT AUXILIARY
DPDT, 30 AMPS 10 AMPS
@ 110 VDC
199B
DC SWITCHING POWER RELAY
CLASS
STANDARD
PART
NUMBERS
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
COIL MEASURED @ 25˚C
OUTLINE DIMENSIONS
DIMENSIONS SHOWN IN INCHES & (MILLIMETERS).
85% of nominal voltage or less for AC coils
80% of nominal voltage or less for DC coils
10% of nominal voltage or more @ 25˚C
± 10% @ 25˚C
2.0 watts DC., 10 VA (60Hz) AC @ 25˚C
DC coils - 4 watts max.
Continuous.
Silver cadmium oxide, gold flashed.
5/16" diameter standard.
30 amps up to 300VAC, 50/60Hz
5 amps @ 480/600 VAC, 50/60Hz 0.75 pf
Inductive load. 1-1/2 Hp motor load (each pole)
@ 120 thru 600 VAC, 50/60 Hz. 2 Hp motor load
@ 120 thru 600 VAC, 50/60 Hz only when using
two poles to switch both sides of load. 30 amps
@ 28 VDC resistive load.
15 amps tungsten @ 120 VAC
NEMA A 600 pilot duty 50/60Hz
10 amps @110VDC, resistive; 4 Amps @220VDC,
resistive, 2 amps @ 325VDC resistive. For inductive
loads, contacts must be derated accordingly.
Capacitive loads must have current limiting to
insure that inrush current will not exceed 50 amps
10 amps 1/4 Hp 125 or 250VAC
1/2 amp 125 VDC 1/4 amp 250 VDC
3 amps 125 VAC “Lamp”
10A 1/4HP 125 OR 250VAC
1/2A 125 VDC 1/4A 250VDC
3A 125VAC "LAMP"
NC
NO
COM
DC OPERATED
DC OPERATED WITH SPDT AUXILIARY
AUXILIARY SWITCH IS
INSTALLED ON SELECTED
MODELS SHOWN IN
PART NUMBER CHART
AUXILIARY
SWITCH
WIRING DIAGRAM
(VIEWED FROM PIN END)
OTHER COIL VOLTAGES ARE AVAILABLE ON SPECIAL ORDER.
CONTACT FACTORY FOR SPECIAL REQUIREMENTS.
Optional metal enclosure
available, see page 12
3...9


Similar Part No. - 199DBSPST-NO-DM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
199DBX-16 SCHNEIDER-199DBX-16 Datasheet
177Kb / 4P
   Power relay, SE Relays, SPST-DM, 40A, 48 VDC, magnetic blowout
199DBX-3 SCHNEIDER-199DBX-3 Datasheet
174Kb / 4P
   Power relay, SE Relays, SPST-DM, 40A, 24 VDC, magnetic blowout
More results

Similar Description - 199DBSPST-NO-DM

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Tyco Electronics
AV-875 MACOM-AV-875 Datasheet
32Kb / 1P
   AV-875 SPST N.O.,60 Amps, 270 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
   A-770 SPST N.O., 300 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
   A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
   A-772XTB SPST N.O., 200 Amps, 28 VDC
A-754JD MACOM-A-754JD Datasheet
67Kb / 1P
   A-754JD SPST N.O., 150 Amps, 120 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
   A-701P-I SPST N.O., 400 Amps, 28 VDC
A-701P-3 MACOM-A-701P-3 Datasheet
60Kb / 1P
   A-701P-3 SPST N.O., 500 Amps, 28 VDC
A-751D-I MACOM-A-751D-I Datasheet
28Kb / 1P
   A-751D-I SPST N.O., 150 Amps, 110 VDC
D-7AC MACOM-D-7AC Datasheet
94Kb / 1P
   D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com