Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65728 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # PE-65728
Description  LAN ISOLATION TRANSFORMER CATALOG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65728 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button PE-65728 Datasheet HTML 2Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 3Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 4Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 5Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 6Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 7Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 8Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 9Page - Pulse A Technitrol Company PE-65728 Datasheet HTML 10Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.pulseeng.com
9
EC100.N (1/10)
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
.265
6,73
.350
8,89
.360
9,14
.050
TYP
1,27
23ZXXXSM
DATE CODE CTRY ORIGIN
.450
11,43
.215
5,46
.004/0,10
16 Surfaces
16X
.005
to
.010
0,13
0,25
.018
TYP
0,46
0°-8°
.020
0,51
± 0,10
.350
8,89
.050
1,27
.070
1,78
.400
10,16
.260
6,60
.030
0,76
SUGGESTED PAD LAYOUT
Weight . . . . . . . . . . . . 0.85 grams
Tube . . . . . . . . . . . . . . . . .50/tube
Tape & Reel . . . . . . . . . . 750/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .005
0,13
Through Hole Mechanicals - (continued)
SMT5
DATE CODE
CTRY ORIGIN
1.000 MAX
25,40
.390 MAX
9,91
.130 + .020 - .010
3,30
0,51 0,25
4X .100
2,54
.215 MAX
5,46
.300
7,62
.300
7,62
.700
17,78
STAND-OFF
4 PLCS
12Xø .020
0,51
Through Hole Mechanicals
TH1
TH2
Weight . . . . . . . . . . . . 2.18 grams
Tube . . . . . . . . . . . . . . . . 20/tube
Dimensions:
Inches
Unless otherwise specified, all tolerances are ±
.010
mm
0,25
Weight . . . . . . . . . . . . 2.17 grams
Tube . . . . . . . . . . . . . . . . 20/tube
ISOLATION TRANSFORMERS


Similar Part No. - PE-65728

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65728 PULSE-PE-65728 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65728 PULSE-PE-65728 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65728NL PULSE-PE-65728NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
More results

Similar Description - PE-65728

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z467SM-T PULSE-23Z467SM-T Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65728NL PULSE-PE-65728NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68023NL PULSE-PE-68023NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65727 PULSE-PE-65727 Datasheet
358Kb / 11P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68052 PULSE-PE-68052 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64503NL PULSE-PE-64503NL Datasheet
459Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
logo
Filtran LTD
8497 FILTRAN-8497 Datasheet
156Kb / 1P
   LAN Isolation Transformer
logo
PCA ELECTRONICS INC.
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
   Isolation Transformer for Lan-Ethernet Applications
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com