Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-903 Datasheet(PDF) 5 Page - Altech corporation

Part # 110-903
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

110-903 Datasheet(HTML) 5 Page - Altech corporation

  110-903 Datasheet HTML 1Page - Altech corporation 110-903 Datasheet HTML 2Page - Altech corporation 110-903 Datasheet HTML 3Page - Altech corporation 110-903 Datasheet HTML 4Page - Altech corporation 110-903 Datasheet HTML 5Page - Altech corporation 110-903 Datasheet HTML 6Page - Altech corporation 110-903 Datasheet HTML 7Page - Altech corporation 110-903 Datasheet HTML 8Page - Altech corporation 110-903 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
18
Smooth Sidewalls
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
57 mm (2.24 in)
110-403
PS 99-6-o
gray
4
120-403
PC 99-6-o
gray
4
Enclosure - high cover
81 mm (3.19 in)
110-903
PS 99-8-o
gray
3
120-903
PC 99-8-o
gray
3
Enclosure - low cover
57 mm (2.24 in)
111-003
PS 99-6-to
trans.
4
130-003
PC 99-6-to
trans.
4
Enclosure - high cover
81 mm (3.19 in)
111-503
PS 99-8-to
trans.
3
130-503
PC 99-8-to
trans.
3
Sidewalls with Metric Knockouts
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
57 mm (2.24 in)
105-403
PS 99-6-m
gray
4
127-403
PC 99-6-m
gray
4
Enclosure - high cover
81 mm (3.19 in)
105-903
PS 99-8-m
gray
3
127-903
PC 99-8-m
gray
3
Enclosure - low cover
57 mm (2.24 in)
106-003
PS 99-6-tm
trans.
4
137-003
PC 99-6-tm
trans.
4
Enclosure - high cover
81 mm (3.19 in)
106-503
PS 99-8-tm
trans.
3
137-503
PC 99-8-tm
trans.
3
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate
195-003
MP99
1
DIN Rail TS15 - 80 mm
197-080
TS 15/80
1
Hinge Kit Set
190-002
HK1
1
Mounting Tab Kit
194-001
MT1
1
Please refer to pages 116-120 for additional accessories and detailed information.
TK 99 – Polystyrene and Polycarbonate – 94x94mm (3.70x3.70in.)
Standard Features
Protection Level:
IP66 (NEMA Type: 4X with gray cover,
12K with transparent cover)
Technical:
Smooth or Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Mounting Options
Enclosure Material: Polystyrene or Polycarbonate
Gasket Material:
Polyurethane
Color:
Light Gray
Temperature Range: Polystyrene
-40°C to 70°C (-40°F to 158°F)
Polycarbonate
-35°C to 120°C (-31°F to 248°F)
Accessories:
See section below
E208470
1


Similar Part No. - 110-903

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-90-210-41-105 PREDIP-110-90-210-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-90-304-41-105 PREDIP-110-90-304-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-90-306-41-105 PREDIP-110-90-306-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-90-308-41-105 PREDIP-110-90-308-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-90-308-41-105161 PREDIP-110-90-308-41-105161 Datasheet
32Kb / 1P
   Dual-in-line sockets and headers / open frame / surface mount pick and place
More results

Similar Description - 110-903

ManufacturerPart #DatasheetDescription
logo
Altech corporation
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
TK1309 ALTECH-TK1309 Datasheet
92Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1309
TK1811 ALTECH-TK1811 Datasheet
105Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1811
TK1111 ALTECH-TK1111 Datasheet
86Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1111
TK3625 ALTECH-TK3625 Datasheet
121Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 3625
TK97 ALTECH-TK97 Datasheet
90Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 97
TK1818F ALTECH-TK1818F Datasheet
96Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1818F
TK1809 ALTECH-TK1809 Datasheet
93Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1809
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com