Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE850EB5120MB05R17 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHE850EB5120MB05R17
Description  New, small dimensions including low profile capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE850EB5120MB05R17 Datasheet(HTML) 2 Page - Kemet Corporation

  PHE850EB5120MB05R17 Datasheet HTML 1Page - Kemet Corporation PHE850EB5120MB05R17 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PhE850
aRtiCLE taBLE
oRdERing inFoRmation
The article code for the standard part is given in the article table.
maRKing
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• Y2
• Approval marks
• IEC Climatic category
• Passive flammability class
• Manufacturing date code
appRoVaLs
certification Body specification
ENEC
UL
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
lEad sPacinG 10 mm
0.0010 A06 4.0
8.0 13.0
50 100 PHE850EA4100MA06R17
0.0012 A06 4.0
8.0 13.0
45 100 PHE850EA4120MA06R17
0.0015 A01 4.0
9.0 13.0
43 100 PHE850EA4150MA01R17
0.0018 A01 4.0
9.0 13.0
40 100 PHE850EA4180MA01R17
0.0022 A01 4.0
9.0 13.0
36 100 PHE850EA4220MA01R17
0.0027 A02 4.5 10.5 13.0
34 100 PHE850EA4270MA02R17
0.0033 A02 4.5 10.5 13.0
31 100 PHE850EA4330MA02R17
0.0039 A03 5.0 11.0 13.0
29 100 PHE850EA4390MA03R17
0.0047 A03 5.0 11.0 13.0
26 100 PHE850EA4470MA03R17
0.0056 A04 6.0 12.0 13.0
23 100 PHE850EA4560MA04R17
0.0068 A04 6.0 12.0 13.0
20 100 PHE850EA4680MA04R17
0.0068 A05 9.5
7.5 13.0
21 100 PHE850EP4680MA05R17
lEad sPacinG 15 mm
0.0068 B04 5.5 10.5 18.0
14 100 PHE850EB4680MB04R17
0.0082 B04 5.5 10.5 18.0
14 100 PHE850EB4820MB04R17
0.010 B04 5.5 10.5 18.0
13 100 PHE850EB5100MB04R17
0.012 B05 5.5 12.5 18.0
12 100 PHE850EB5120MB05R17
0.015 B15 6.0 12.0 18.0
11 100 PHE850EB5150MB15R17
0.018 B10 6.5 12.5 18.0
10 100 PHE850EB5180MB10R17
0.022 B06 7.5 14.5 18.0
9.5 100 PHE850EB5220MB06R17
0.027 B06 7.5 14.5 18.0
8.6 100 PHE850EB5270MB06R17
0.033 B12 8.0 15.0 18.0
7.8 100 PHE850EB5330MB12R17
0.039 B11 8.5 16.0 18.0
7.0 100 PHE850EB5390MB11R17
0.047 B14 9.5 17.5 18.0
6.3 100 PHE850EB5470MB14R17
0.047 B17 13.0 12.5 18.0 6.3 100 PHE850EH5470MB17R17
0.056 B16 11.0 19.0 18.0
5.5 100 PHE850EB5560MB16R17
0.068 B16 11.0 19.0 18.0
4.7 100 PHE850EB5680MB16R17
lEad sPacinG 22.5 mm
0.033 D13 6.5 14.5 26.0 5.7 100 PHE850ED5330MD13R06L2
0.039 D13 6.5 14.5 26.0 5.4 100 PHE850ED5390MD13R06L2
0.047 D13 6.5 14.5 26.0 5.0 100 PHE850ED5470MD13R06L2
0.056 D17 7.0 16.5 26.0
4.7 100 PHE850ED5560MD17R06L2
0.068 D17 7.0 16.5 26.0
4.3 100 PHE850ED5680MD17R06L2
0.082 D15 9.0 18.5 26.0 4.0 100 PHE850ED5820MD15R06L2
0.10
D18 10.5 19.0 26.0 3.6 100 PHE850ED6100MD18R06L2
0.12
D18 10.5 19.0 26.0
3.3 100 PHE850ED6120MD18R06L2
0.15
D16 11.0 21.5 26.0
2.8 100 PHE850ED6150MD16R06L2
0.18
D20 13.5 23.0 26.0
2.5 100 PHE850ED6180MD20R06L2
0.22
D20 13.5 23.0 26.0
2.3 100 PHE850ED6220MD20R06L2
lEad sPacinG 27.5
mm
0.15
F11 10.5 20.5 31.5
2.4 100 PHE850EF6150MF11R06L2
0.15
F17 21.0 12.5 31.5
2.4 100 PHE850ET6150MF17R06L2
0.18
F11 10.5 20.5 31.5
2.2 100 PHE850EF6180MF11R06L2
0.22
F12 11.5 22.5 31.5 2.1 100 PHE850EF6220MF12R06L2
0.27
F03 13.5 23.0 31.5
1.9 100 PHE850EF6270MF03R06L2
0.33
F13 14.5 24.5 31.5
1.7 100 PHE850EF6330MF13R06L2
0.39
F14 17.5 28.0 31.5
1.6 100 PHE850EF6390MF14R06L2
0.47
F14 17.5 28.0 31.5
1.4 100 PHE850EF6470MF14R06L2
0.47
F19 27.5 16.0 31.5 1.5 100 PHE850ET6470MF19R06L2
0.56
F16 21.0 30.0 31.5
1.3 100 PHE850EF6560MF16R06L2
0.68
F16 21.0 30.0 31.5
1.2 100 PHE850EZ6680MF16R06L2 *
lEad sPacinG 37.5 mm
0.33
R05 13.0 24.0 41.0
1.2 100 PHE850ER6330MR05R06L2
0.39
R05 13.0 24.0 41.0
1.1 100 PHE850ER6390MR05R06L2
0.47
R05 13.0 24.0 41.0
1.1 100 PHE850ER6470MR05R06L2
0.56
R04 15.0 26.0 41.0
1.0 100 PHE850ER6560MR04R06L2
0.68
R02 16.5 32.0 41.0 0.94 100 PHE850ER6680MR02R06L2
0.82
R02 16.5 32.0 41.0 0.88 100 PHE850ER6820MR02R06L2
1.0
R03 19.0 36.0 41.0 0.81 100 PHE850ER7100MR03R06L2
1.2
R06 21.0 38.0 41.0 0.74 100 PHE850ER7120MR06R06L2
1.5
R06 21.0 38.0 41.0 0.66 100 PHE850EW7150MR06R06L2 *
1.8
R08 28.0 43.0 41.0 0.58 100 PHE850ER7180MR08R06L2
2.2
R08 28.0 43.0 41.0 0.54 100 PHE850ER7220MR08R06L2
* Only ± 20% tolerance
± 20% tolerance
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
EN/IEC 60384-14:2013
UL 60384-14
CAN/CSA-E60384-14:09


Similar Part No. - PHE850EB5120MB05R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4150MA01R17 KEMET-PHE850EA4150MA01R17_17 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE850/F850, 1500 pF, 20%, 1,250 V, 300 V, 110C, Lead Spacing = 10mm
PHE850ED6100MD18R06L2 KEMET-PHE850ED6100MD18R06L2 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE850/F850, 0.1 uF, 20%, 1,250 V, 300 V, 110C, Lead Spacing = 22.5mm
PHE850EF6470MF14R06L2 KEMET-PHE850EF6470MF14R06L2 Datasheet
54Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -55/110C, Safety: Y2, 300VAC, Lead Spacing=27.5 mm, Not for new design.
More results

Similar Description - PHE850EB5120MB05R17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840M ETC2-PHE840M Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Kemet Corporation
PHE840M KEMET-PHE840M Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
logo
Littelfuse
S2012DRP LITTELFUSE-S2012DRP Datasheet
218Kb / 12P
   New small profile three-leaded Compak package
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com