Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-C3V6 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BZX84-C3V6
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84-C3V6 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BZX84-C3V6 Datasheet HTML 6Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 7Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 8Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 9Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 10Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 11Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 12Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 13Page - NXP Semiconductors BZX84-C3V6 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
10 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
BZX84-A/B/C2V4 to BZX84-A/B/C6V8
Tamb =25 C
BZX84-A/B/C7V5 to BZX84-A/B/C24
Tamb =25 C
Fig 5.
Reverse current as a function of reverse
voltage; typical values
Fig 6.
Reverse current as a function of reverse
voltage; typical values
BZX84-A/B/C27 to BZX84-A/B/C75
Tamb =25 C
Fig 7.
Reverse current as a function of reverse voltage; typical values
aaa-006665
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
08
6
24
2V4
2V7
3V0
3V3
3V6
3V9
4V3 4V7 5V1
5V6
6V2
6V8
aaa-006666
IR
(A)
10-5
10-7
10-6
10-2
10-3
10-4
10-1
10-8
VR (V)
025
15
20
510
7V5
8V2
9V1
10
11
12
13
15
16
18
20
22
24
aaa-006667
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
20
80
60
40
27
30
33
36
39
43
47
51
56
62
68
75


Similar Part No. - BZX84-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-C3V6 PHILIPS-BZX84-C3V6 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-C3V6 GE-BZX84-C3V6 Datasheet
396Kb / 9P
   Zener Diodes
logo
TRANSYS Electronics Lim...
BZX84-C3V6 TEL-BZX84-C3V6 Datasheet
50Kb / 3P
   SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
DAESAN ELECTRONIC CORP.
BZX84-C3V6 DAESAN-BZX84-C3V6 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-C3V6 NXP-BZX84-C3V6 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Similar Description - BZX84-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com