Electronic Components Datasheet Search |
|
02C5000KP Datasheet(PDF) 1 Page - Vishay Siliconix |
|
02C5000KP Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page Document Number: 33003 Revision 22-Sep-04 www.vishay.com 104 M, C, T Vishay Dale For technical questions, contact: thermistor1@vishay.com FEATURES • Small size - conformally coated. • Wide resistance range. • Available in 11 different R-T curves. NTC Thermistors, Coated DESCRIPTION Models M, C, and T are conformally coated, leaded thermistors for standard PC board mounting or assembly in probes. The coating is baked-on phenolic for durability and long-term stability. Models M and C have tinned solid copper leads. Model T has solid nickel wires with Teflon® insulation to provide isolation when assembled in metal probes or housings. LD DIAMETER WIRE SIZE Type M AWG 30: 0.0100 [0.254] Type C AWG 28: 0.0126 [0.320] Type T AWG 30: 0.0100 [0.254] DIMENSIONS in inches [millimeters] TINNED COPPER WIRE TEFLON INSULATED NICKEL WIRE BODY DIA. MAX. BODY DIA. MAX. 1.5 [36.1] MIN. CLEAN LEAD LENGTH 1/4 NOM. 3 ± 0.25 [76.2 ± 6.4] CURVE GLOBAL MODEL RESISTANCE VALUE POINT MATCH TOLERANCE PACKAGING 01 C 2001 = 2K F = ± 1 % F = Lead (Pb)-free, Bulk 02 MJ = ± 5 % 03 TK = ± 10 % P = Tin/Lead, Bulk 04 07 08 09 12 13 14 17 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: 01C2001FP (preferred part numbering format) 0 1 C2 0 0 1F P Historical Part Number example: 1C2001FP (will continue to be accepted) 01 C 2001 F P HISTORICAL CURVE GLOBAL MODEL RESISTANCE VALUE TOLERANCE CODE PACKAGING CURVE GLOBAL MODEL RESISTANCE VALUE CHARACTERISTICS PACKAGING CURVE TRACK TOLERANCE* 01 C 2001 = 2K F = Lead (Pb)-free, Bulk S 02 M T 03 P = Tin/Lead, Bulk 04 07 08 09 12 13 14 17 New Global Part Numbering: 01C2001SPC3 (preferred part numbering format) 01 C 2 0 0 1 S P C 3 Historical Part Number example: 1C2001SPC3 (will continue to be accepted) 1 C 2001 S P C3 HISTORICAL CURVE GLOBAL MODEL RESISTANCE VALUE CHARACTERISTIC PACKAGING CURVE TRACK TOLERANCE A3 B3 C3 A2 B2 C2 A4 B4 A5 B5 C5 A8 B8 C8 *See following pages for Tolerance explanations and details. |
Similar Part No. - 02C5000KP |
|
Similar Description - 02C5000KP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |