Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4760 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4760
Description  1.0 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4760 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SMA4760 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4760 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4760 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4760 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Qualified as per AEC-Q101
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Typical IR less than 1uA above 11V
XXXA
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
PD
Watts
PD
Watts
PZSM
Watts
TJ, TSTG
For surface mounted applications in order to
optimize board space
Weight: 0.064 gram
Type Number
Operating and Storage Temperature Range
-55 to +150
Version:H11
Power Dissipation, RTHJA<30K/W, TA=60℃
3
1SMA4737 - 1SMA200Z
Marking Diagram
SMA/DO-214AC
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Features
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
1.0 Watt Surface Mount Silicon Zener Diodes
Value
Dimensions in inches and (millimeters)
Terminals: Pure tin plated lead free,
solderable per MIL-STD-750, Method 2025
Standard packaging: 12mm tape (EIA-481)
Polarity: Color Band denotes positive end (cathode)
Mechanical Data
Case: Molded plastic over passivated junction
Power Dissipation, RTHJA<100K/W, TA=25℃
1.25
Note 1: Non Repetitive Peak surge PD Test Condition: tp=100uS sq. pulse, TA=25℃ prior to surge
IFSM
10
Amps
Non Repetitive Peak Power Dissipation(Note 1)
60
Non Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-wave Superimposed on Rated Load
(JEDEC method)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - 1SMA4760

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4760 TRSYS-1SMA4760 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4760 TSC-1SMA4760 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
1SMA4760 TSC-1SMA4760 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
logo
Thinki Semiconductor Co...
1SMA4760 THINKISEMI-1SMA4760 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Continental Device Indi...
1SMA4760 CDIL-1SMA4760 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4760

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_11 Datasheet
139Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4737 TSC-1SMA4737_13 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
Thinki Semiconductor Co...
1SMA4726A THINKISEMI-1SMA4726A Datasheet
1Mb / 2P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (2.7 Volt)
logo
Bytesonic Electronics C...
1SMA4728A BYTESONIC-1SMA4728A Datasheet
601Kb / 4P
   1.0 WATT SURFACE MOUNTSILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Thinki Semiconductor Co...
1SMA4728 THINKISEMI-1SMA4728 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com