Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144EE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC144EE
Description  NPN resistor-equipped transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144EE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC144EE Datasheet HTML 6Page - NXP Semiconductors PDTC144EE Datasheet HTML 7Page - NXP Semiconductors PDTC144EE Datasheet HTML 8Page - NXP Semiconductors PDTC144EE Datasheet HTML 9Page - NXP Semiconductors PDTC144EE Datasheet HTML 10Page - NXP Semiconductors PDTC144EE Datasheet HTML 11Page - NXP Semiconductors PDTC144EE Datasheet HTML 12Page - NXP Semiconductors PDTC144EE Datasheet HTML 13Page - NXP Semiconductors PDTC144EE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PDTC144E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 15 November 2011
10 of 17
NXP Semiconductors
PDTC144E series
NPN resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 12. Package outline PDTC144EE (SOT416/SC-75)
Fig 13. Package outline PDTC144EM (SOT883/SC-101)
Fig 14. Package outline PDTC144ET (SOT23)
Fig 15. Package outline PDTC144EU (SOT323/SC-70)
04-11-04
Dimensions in mm
0.95
0.60
1.8
1.4
1.75
1.45
0.9
0.7
0.25
0.10
1
0.30
0.15
12
3
0.45
0.15
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTC144EE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC144EM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTC144ET
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTC144EU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135


Similar Part No. - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144EE PHILIPS-PDTC144EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 16
PDTC144EE PHILIPS-PDTC144EE Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EE NXP-PDTC144EE Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144EE NEXPERIA-PDTC144EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
logo
NXP Semiconductors
PDTC144EEF PHILIPS-PDTC144EEF Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 May 27
More results

Similar Description - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y PHILIPS-PDTC114Y Datasheet
92Kb / 14P
   NPN resistor-equipped transistors
2004 Aug 17
PDTC114ET PHILIPS-PDTC114ET Datasheet
717Kb / 17P
   NPN resistor-equipped transistors
Rev. 12-21 December 2011
logo
Nexperia B.V. All right...
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PDTC143E PHILIPS-PDTC143E_15 Datasheet
755Kb / 17P
   NPN resistor-equipped transistors;
Rev. 10-8 December 2011
logo
Nexperia B.V. All right...
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
   NPN/NPN double resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com