Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-B9V1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZX84-B9V1
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84-B9V1 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX84-B9V1 Datasheet HTML 1Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 2Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 3Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 4Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 5Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 6Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 7Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 8Page - NXP Semiconductors BZX84-B9V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
2 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
2.
Pinning information
3.
Ordering information
[1]
The series includes 37 breakdown voltages with nominal working voltages from 2.4 V to 75 V and
1 %,
2 % and 5 % tolerances.
4.
Marking
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A
anode
2
n.c.
not connected
3
K
cathode
12
3
aaa-006592
A
K
n.c.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BZX84 series[1]
TO-236AB plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
BZX84-A2V4
*50
BZX84-A18
KF*
BZX84-A2V7
*51
BZX84-A20
*C2
BZX84-A3V0
*52
BZX84-A22
KG*
BZX84-A3V3
*53
BZX84-A24
KH*
BZX84-A3V6
*C1
BZX84-A27
*75
BZX84-A3V9
*55
BZX84-A30
KJ*
BZX84-A4V3
*56
BZX84-A33
KK*
BZX84-A4V7
*57
BZX84-A36
*C3
BZX84-A5V1
*58
BZX84-A39
*C4
BZX84-A5V6
*59
BZX84-A43
*C5
BZX84-A6V2
*60
BZX84-A51
*C6
BZX84-A6V8
*61
BZX84-A75
*86
BZX84-A7V5
*62
BZX84-B2V4
*Z0
BZX84-A8V2
*63
BZX84-B2V7
*Z1
BZX84-A9V1
*64
BZX84-B3V0
*S1
BZX84-A10
*65
BZX84-B3V3
*S2
BZX84-A11
*04
BZX84-B3V6
*S3
BZX84-A12
*67
BZX84-B3V9
*S4
BZX84-A13
*C0
BZX84-B4V3
*S7
BZX84-A15
*69
BZX84-B4V7
*S8
BZX84-A16
KE*
BZX84-B5V1
*R1


Similar Part No. - BZX84-B9V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-B9V1 PHILIPS-BZX84-B9V1 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-B9V1 GE-BZX84-B9V1 Datasheet
396Kb / 9P
   Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX84-B9V1 DAESAN-BZX84-B9V1 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B9V1 NXP-BZX84-B9V1 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B9V1 NXP-BZX84-B9V1 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Similar Description - BZX84-B9V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com