Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-A7V5 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZX84-A7V5
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84-A7V5 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZX84-A7V5 Datasheet HTML 1Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 2Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 3Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 4Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 5Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 6Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 7Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 8Page - NXP Semiconductors BZX84-A7V5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BZX84_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 6 March 2014
5 of 16
NXP Semiconductors
BZX84 series
Voltage regulator diodes
Table 8.
Characteristics per type; BZX84-A2V4 to BZX84-C24
Tj =25 C unless otherwise specified.
BZX84-
xxx
Sel Working
voltage
VZ (V)
Differential resistance
rdif ()
Reverse
current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA
IZ =5mA
IZ =5mA
Min
Max
Typ
Max
Typ
Max
Max
VR (V) Min
Typ
Max
Max
Max
2V4
A
2.37
2.43
275
600
70
100
50
1
3.5 1.6
0
450
6.0
B
2.35
2.45
C2.2
2.6
2V7
A
2.67
2.73
300
600
75
100
20
1
3.5 2.0
0
450
6.0
B
2.65
2.75
C2.5
2.9
3V0
A
2.97
3.03
325
600
80
95
10
1
3.5 2.1
0
450
6.0
B
2.94
3.06
C2.8
3.2
3V3
A
3.26
3.34
350
600
85
95
5
1
3.5 2.4
0
450
6.0
B
3.23
3.37
C3.1
3.5
3V6
A
3.56
3.64
375
600
85
90
5
1
3.5 2.4
0
450
6.0
B
3.53
3.67
C3.4
3.8
3V9
A
3.86
3.94
400
600
85
90
3
1
3.5 2.5
0
450
6.0
B
3.82
3.98
C3.7
4.1
4V3
A
4.25
4.35
410
600
80
90
3
1
3.5 2.5
0
450
6.0
B
4.21
4.39
C4.0
4.6
4V7
A
4.65
4.75
425
500
50
80
3
2
3.5 1.4
0.2
300
6.0
B
4.61
4.79
C4.4
5.0
5V1
A
5.04
5.16
400
480
40
60
2
2
2.7 0.8
1.2
300
6.0
B5.0
5.2
C4.8
5.4
5V6
A
5.54
5.66
80
400
15
40
1
2
2.0 1.2
2.5
300
6.0
B
5.49
5.71
C5.2
6.0
6V2
A
6.13
6.27
40
150
6
10
3
4
0.4
2.3
3.7
200
6.0
B
6.08
6.32
C5.8
6.6
6V8
A
6.73
6.87
30
80
6
15
2
4
1.2
3.0
4.5
200
6.0
B
6.66
6.94
C6.4
7.2


Similar Part No. - BZX84-A7V5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-A7V5 PHILIPS-BZX84-A7V5 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
BZX84-A7V5 NXP-BZX84-A7V5 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A7V5 NXP-BZX84-A7V5 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A7V5 NXP-BZX84-A7V5 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
logo
Nexperia B.V. All right...
BZX84-A7V5 NEXPERIA-BZX84-A7V5 Datasheet
324Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
More results

Similar Description - BZX84-A7V5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com