Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZB84-B27 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZB84-B27
Description  General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZB84-B27 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZB84-B27 Datasheet HTML 2Page - NXP Semiconductors BZB84-B27 Datasheet HTML 3Page - NXP Semiconductors BZB84-B27 Datasheet HTML 4Page - NXP Semiconductors BZB84-B27 Datasheet HTML 5Page - NXP Semiconductors BZB84-B27 Datasheet HTML 6Page - NXP Semiconductors BZB84-B27 Datasheet HTML 7Page - NXP Semiconductors BZB84-B27 Datasheet HTML 8Page - NXP Semiconductors BZB84-B27 Datasheet HTML 9Page - NXP Semiconductors BZB84-B27 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
6 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 9.
Characteristics per type; BZB84-B27 to BZB84-B75
Tj =25 °C unless otherwise specified.
BZB84-
Bxxx
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ = 0.5 mA IZ =2mA
IZ =2mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
27
26.5
27.5
300
80
0.05
18.9
21.4
25.3
50
1.00
30
29.4
30.6
300
80
0.05
21.0
24.4
29.4
50
1.00
33
32.3
33.7
325
80
0.05
23.1
27.4
33.4
45
0.90
36
35.3
36.7
350
90
0.05
25.2
30.4
37.4
45
0.80
39
38.2
39.8
350
130
0.05
27.3
33.4
41.2
45
0.70
43
42.1
43.9
375
150
0.05
30.1
37.6
46.6
40
0.60
47
46.1
47.9
375
170
0.05
32.9
42.0
51.8
40
0.50
51
50.0
52.0
400
180
0.05
35.7
46.6
57.2
40
0.40
56
54.9
57.1
425
200
0.05
39.2
52.2
63.8
40
0.30
62
60.8
63.2
450
215
0.05
43.4
58.8
71.6
35
0.30
68
66.6
69.4
475
240
0.05
47.6
65.6
79.8
35
0.25
75
73.5
76.5
500
255
0.05
52.5
73.4
88.6
35
0.20


Similar Part No. - BZB84-B27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB84-B27 NXP-BZB84-B27 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B27 NXP-BZB84-B27 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B27 NXP-BZB84-B27 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B27 NXP-BZB84-B27 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results

Similar Description - BZB84-B27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
logo
KODENSHI_AUK CORP.
SDP510Q KODENSHI-SDP510Q Datasheet
132Kb / 5P
   General purpose PIN diode in a SOD-523 small SMD plastic package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com