Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U20C20A Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # U20C20A
Description  Dual Doubler Tandem Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U20C20A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U20C20A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U20C20A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
600
420
600
20.0
10.0
200
175
0.98
1.3
1.7
35
250
120
70
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
®
U20C20D thru U20C60D
Pb Free Plating Product
U20C20D thru U20C60D
20.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Diodes
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Tandem Polarity
Suffix "A"
Suffix "D"
Rev.04/2014
Suffix "C"
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
U20C20C
U20C20A
U20C20D
U20C40C
U20C40A
U20C40D
U20C60C
U20C60A
U20C60D


Similar Part No. - U20C20A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20C20A THINKISEMI-U20C20A Datasheet
603Kb / 2P
   Dual Common Anode Ultra Fast Recovery Diodes
U20C20A THINKISEMI-U20C20A Datasheet
817Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
U20C20A THINKISEMI-U20C20A_V01 Datasheet
817Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - U20C20A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR2020D THINKISEMI-MUR2020D Datasheet
639Kb / 2P
   20.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Diodes
MURF2020CTD THINKISEMI-MURF2020CTD Datasheet
643Kb / 2P
   20.0 Ampere Insulated Doubler Tandem Ultra Fast Recovery Diodes
MUR1020GD-CT THINKISEMI-MUR1020GD-CT Datasheet
636Kb / 2P
   10.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Rectifiers
MUR3020PTD THINKISEMI-MUR3020PTD Datasheet
724Kb / 2P
   30.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Rectifiers
F12C20D THINKISEMI-F12C20D Datasheet
616Kb / 2P
   12.0 Ampere Doubler Tandem Fast Recovery Rectifier Diodes
ESAD25-02D THINKISEMI-ESAD25-02D Datasheet
206Kb / 2P
   16.0 Ampere Dual Doubler Tandem Polarity Fast Recovery Rectifier Diodes
U16C20D THINKISEMI-U16C20D Datasheet
237Kb / 2P
   16.0 Ampere Heatsink Doubler Tandem Ultra Fast Recovery Rectifiers
MURF1220CTD THINKISEMI-MURF1220CTD Datasheet
652Kb / 2P
   12.0 Ampere Isolated Dual Doubler Tandem Fast Recovery Rectifiers
U10A2CID THINKISEMI-U10A2CID Datasheet
618Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Diodes
U20D20S THINKISEMI-U20D20S Datasheet
631Kb / 2P
   20 Ampere Dual Tandem Type Ultra Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com