Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR1304 Datasheet(PDF) 4 Page - C&D Technologies

Part # PWR1304
Description  1.5 WATT UNREGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1304 Datasheet(HTML) 4 Page - C&D Technologies

  PWR1304 Datasheet HTML 1Page - C&D Technologies PWR1304 Datasheet HTML 2Page - C&D Technologies PWR1304 Datasheet HTML 3Page - C&D Technologies PWR1304 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PWR13XX 4/2002 REV G
Page 4
TYPICAL PERFORMANCE CURVES
Specifications at T
A = +25
°C, nominal input voltage, rated output current
16.00
15.75
15.50
15.25
15.0
14.00
13.50
13.00
12.50
12.00
0
25%
50%
75%
100%
0
25%
50%
75%
100%
0
25%
50%
75%
100%
5.8
5.6
5.4
5.2
5.0
Load (% of Rated)
Load (% of Rated)
Load (% of Rated)
0
25%
50%
75%
100%
Load (% of Rated)
Load (% of Rated)
14.00
13.50
13.00
12.50
12.0
0
25%
50%
75%
100%
16.00
15.75
15.50
15.25
15.0
0
25%
50%
75%
100%
5.8
5.6
5.4
5.2
5.0
V
OUT VS LOAD
(5VOUT MODELS)
V
OUT VS LOAD
(12VOUT MODELS)
V
OUT VS LOAD
(15VOUT MODELS)
V
OUT VS LOAD
(±15VOUT MODELS)
Load (% of Rated)
V
OUT VS LOAD
(±5VOUT MODELS)
V
OUT VS LOAD
(±12VOUT MODELS)
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.


Similar Part No. - PWR1304

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1304AC MURATA-PS-PWR1304AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
PWR1304AC MURATA-PS-PWR1304AC Datasheet
599Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
2021
More results

Similar Description - PWR1304

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
C&D Technologies
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
   1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ Datasheet
148Kb / 3P
   1.5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com