Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLHM630PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLHM630PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHM630PBF Datasheet(HTML) 8 Page - International Rectifier

  IRLHM630PBF Datasheet HTML 1Page - International Rectifier IRLHM630PBF Datasheet HTML 2Page - International Rectifier IRLHM630PBF Datasheet HTML 3Page - International Rectifier IRLHM630PBF Datasheet HTML 4Page - International Rectifier IRLHM630PBF Datasheet HTML 5Page - International Rectifier IRLHM630PBF Datasheet HTML 6Page - International Rectifier IRLHM630PBF Datasheet HTML 7Page - International Rectifier IRLHM630PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLHM630PbF
8
www.irf.com
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.40mH, RG = 50Ω, IAS = 20A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature. Package is limited to 40A by production
test capability.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 11/2010
Data and specifications subject to change without notice.
PQFN 3.3x3.3 Outline Tape and Reel
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4000 parts.
STANDARD OPTION (QTY 4000)
MIN
326.0
20.2
12.8
1.5
17.8
12.4
CODE
A
B
C
D
E
F
G
MAX
330.25
20.45
13.50
2.5
18.3
12.9
MIN
12.835
0.795
0.504
0.059
0.701
0.488
MAX
13.002
0.805
0.531
0.098
0.720
0.508
METRIC
IMPERIAL
102.0 REF
4.016 REF
DIMENSIONS
MIN
7.90
3.90
11.70
5.45
3.50
3.50
0.25
1.10
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
3.70
3.70
0.35
1.30
MIN
0.311
0.154
0.461
0.215
0.138
0.138
0.010
0.043
MAX
0.319
0.161
0.484
0.219
0.146
0.146
0.014
0.051
METRIC
IMPERIAL
MSL1
(per JEDEC J-STD-020D
††† )
RoHS compliant
Yes
PQFN 3.3mm x 3.3mm
Qualification information
Moisture Sensitivity Level
Qualification level
Industrial
††
(per JEDEC JESD47F
††† guidelines )


Similar Part No. - IRLHM630PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results

Similar Description - IRLHM630PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com