Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLH6224TR2PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRLH6224TR2PBF
Description  Battery Protection Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLH6224TR2PBF Datasheet(HTML) 9 Page - International Rectifier

  IRLH6224TR2PBF Datasheet HTML 1Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 2Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 3Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 4Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 5Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 6Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 7Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 8Page - International Rectifier IRLH6224TR2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRLH6224PbF
www.irf.com
9
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.63mH, RG = 50Ω, IAS = 20A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature.
‡ Package is limited to 80A by die-source to lead-frame bonding technology
IR WORLD HEADQUARTERS: 101N. Sepulveda., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 03/2012
Data and specifications subject to change without notice.
MS L1
(per JE DE C J-S TD-020D††† )
RoHS compliant
Yes
PQFN 5mm x 6mm
Qualification information
Moisture Sensitivity Level
Qualification level
Indus trial††
(per JE DE C JE S D47F ††† guidelines )


Similar Part No. - IRLH6224TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLH6224PBF IRF-IRLH6224PBF Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLH6224PBF IRF-IRLH6224PBF_15 Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLH6224TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
   Battery Protection Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
   Battery protection Load switch
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
   Load switch. Battery protection.
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
   Battery protection Load switch
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
   Battery protection, Load switch
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
   Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
logo
STMicroelectronics
VN5R003HTR-E STMICROELECTRONICS-VN5R003HTR-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com