Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN107 Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # AATIAN107
Description  S2Cwire Controlled, Serial LED Boost Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN107 Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  AATIAN107 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 5Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 6Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 7Page - SiGe Semiconductor, Inc. AATIAN107 Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EV-184
AHK1421 EVAL :
S2Cwire Controlled, Serial LED Boost Driver
EVALUATION BOARD DATASHEET
EV-184.2011.05.1.0
3
www .ana logictech.com
Getting Started
Setup (Figure 3)
1. Connect an input power source (to supply between 2.7V and 5.5V) to the board by placing the jumper, J1 on the
left (Connects DC+ power to AHK1421).
2. Connect the DC+ power to the microcontroller VDD by using the jumper V_MCU.
3. Connect the EN/SET jumper to connect the microcontroller GPIOs to the AHK1421 EN/SET pins.
4. After all jumpers are in the correct position, apply power between 2.7V and 5.5V to the DC+ and DC- terminals to
power on the AHK1421 (U1) and microcontroller (U2). The red LED (LED1) will illuminate when the microcontroller
is powered. The green LED (LED2) will flicker when the three buttons to transfer S²C wire data for AHK1421 are
operated.
5. Use the UP, DOWN and CYCLE buttons to vary the brightness of the 6 white LEDs using the EN/SET serial data
S2Cwire interface
Figure 3: AHK1421 Evaluation Board Measurement Configuration
S2Cwire Control
Short the EN/SET jumper to receive S2Cwire data generated by the microcontroller according to the status of the three
buttons. The AHK1421 records the number of rising edges which control output current in EN/SET pin and change the
value of output current from 20mA to 0.4mA when RFB is 12.5Ω
• UP button: The UP button increments the number of EN/SET rise edges from 1 to 32 each time this button is pushed.
By holding down the button for more than 0.6 seconds, the microcontroller enters auto-increment mode. The LED
will dim and wrap back after S2C wire data reaches 32.
• DOWN button: The DOWN button decrements the number of EN/SET rise edges from 32 to 1 each time this button
is pushed. By holding down the button for more than 0.6 seconds, the microcontroller enters auto-decrement mode.
The LED will brighten and wrap back after S2Cwire data reaches 1.
• CYCLE button: The button increments or decrements the number of EN/SET edges automatically and cyclically after
a single push according to the previous EN edges up or down event.
• UP+DOWN+CYCLE button: EN/SET is set to 0V and the AHK1421 is shut down. All white LEDs are turned off.


Similar Part No. - AATIAN107

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
AATIAN17 SIGE-AATIAN17 Datasheet
222Kb / 6P
   I2C/S2Cwire??Controller
AATIAN18 SIGE-AATIAN18 Datasheet
106Kb / 5P
   1MHz 0.4A Buck Converter
AATIAN19 SIGE-AATIAN19 Datasheet
768Kb / 6P
   AAT1145 EVAL:1.5 MHz, 1.2A Step-Down
More results

Similar Description - AATIAN107

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
ON Semiconductor
LV52207NXB ONSEMI-LV52207NXB Datasheet
1Mb / 18P
   LED Boost Driver
November 2015- Rev. 1
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com