Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN70 Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # AATIAN70
Description  CMOS Low Voltage LDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN70 Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

Back Button AATIAN70 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 5Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 6Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 7Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 8Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 9Page - SiGe Semiconductor, Inc. AATIAN70 Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Test: Dropout Voltage vs. Output Current
1.
Configure the specified test equipment as shown in Figure 6.
2.
Enable dual LDO by setting JP1 and JP3 to the ‘ON’ position, as shown in Figure 2. Connect both inputs
of UUT to V
CC by JP2 and JP4 as shown in Figure 2.
3.
Set the output current to 1mA, and measure the output voltage.
4.
Calculate the nominal output voltage as 98% of the output voltage at 1mA output current.
5.
Reduce the input voltage until the output voltage drops to the nominal voltage.
6.
Record the dropout voltage between the input and the output pins (as close to the pins as possible).
7.
Repeat step #5 and step #6 for different output current levels.
Figure 6: AAT3244 Evaluation Board Connection Diagram for Dropout Voltage vs. Output Current.
EV-137
AAT3244 EVAL: 300mA Adjustable Dual
CMOS Low Voltage LDO Linear Regulator
EV-137.2007.08.1.0
7


Similar Part No. - AATIAN70

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
More results

Similar Description - AATIAN70

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LC-C DATEL-LVR-7915LC-C Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915L883 DATEL-LVR-7915L883 Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LC DATEL-LVR-7915LC Datasheet
146Kb / 1P
   LDO Linear Voltage Regulator
LVR-7815LM-C DATEL-LVR-7815LM-C Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LE-C DATEL-LVR-7915LE-C Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com