Electronic Components Datasheet Search |
|
AATIAN56 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc. |
|
AATIAN56 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc. |
2 / 4 page Getting Started In most cases, the board ships mounted onto a bat- tery pack. The battery pack holds three AAA size, conventional alkaline batteries. A jumper is inline with the battery supply for connecting/disconnecting power. There is an additional jumper labeled ON SRL OFF. It provides access to EN/SET. For opera- tion, ensure that it is in the ON SRL position. To apply power to the board, connect the supply by jumpering ON, MCU. The red LED7 should illumi- nate, indicating that power has been connected. The user interface is provided by three buttons: CYCLE, UP, and DOWN. The modes of operation are detailed in Table 1. Each button controls a par- ticular function. The CYCLE button toggles on/off auto-cycling. The UP button increments to the next number of EN/SET edges. When the UP button is held down, the MCU will auto-increment through all of the settings after a short delay. Pressing the DOWN button decrements the number of EN/SET edges. When the DOWN button is held, the MCU will auto-decrement through all of the settings. 2 EV-100.2005.03.1.0 EV-100 AAT3140 EVAL: High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications User Interface Functionality Table 1: User Interface Functionality. Button(s) Pushed Description CYCLE 1 Toggle on/off auto-cycling. Auto-increments EN/SET edges and cycles through the available brightness level settings. UP Increment the number of EN/SET edges. Toggles through the available brightness level settings. If held down, auto-cycle through the settings. DOWN Decrement the number of EN/SET edges. Toggles through the available brightness level settings. If held down, auto-cycle through the settings. CYCLE + UP + DOWN 2 Reset. Enable line is pulled low. 1. The auto-cycling speed is adjusted with the 10K POT, VR4. Turn clockwise to speed up and counter-clockwise to slow down. 2. The '+' sign indicates that these buttons are all pressed and released together. |
Similar Part No. - AATIAN56 |
|
Similar Description - AATIAN56 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |