Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN49 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # AATIAN49
Description  800mA Total Display Solution for Portable Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN49 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  AATIAN49 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN49 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN49 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN49 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN49 Datasheet HTML 5Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV-151
AAT2830/31 EVAL: 800mATotal Display Solution for Portable Devices
EVALUATION BOARD DATASHEET
2
EV151.2007.10.1.0
www .analogictech.com
EV-151
AAT2830/31 EVAL: 800mATotal Display Solution for Portable Devices
EVALUATION BOARD DATASHEET
2
EV151.2007.10.1.0
www .analogictech.com
Button(s) Pressed/Released
Description
RGB
Turns on/off red, blue, and green LEDs
Button Press/Release
Red LED
Blue LED
Green LED
1st
on
off
off
2nd
off
on
off
3rd
off
off
on
4th, repeat
off
off
off
FLASH
Engages flash mode operation (D7-D8 LEDs) for a progammed time duration
MOVIE
Turns on/off D7-D8 LEDs for movie mode operation
LIGHT
Turns on/off D1-D6 LEDs for backlight operation
DATA
Increments [cycles through when not released] data of targeted address (previously
pressed/released button):
1. RGB [Red LED (address 7), Green LED (address8), Blue LED (address 9)]
2. MOVIE (address 4)
3. LIGHT (address 0)
4. see “LIGHT+DATA”
LIGHT+DATA
Increments the target address [default (address 0)]:
Button Press/Release
Address
Decription
1st
1
Main Backlight D1-D4
2nd
2
Sub Backlight D5-D6
3rd
3
Low Backlight Current
4th, repeat
0
All Backlight D1-D6
LIGHT+DATA+FLASH
Reset. EN/SET is held logic low
Table 1: User Interface Functionality.
Schematic
1.0μF
C1
1.0μF
C2
2.2μF
C3
4.7μF
C4
D1
D2
D3
D4
D5
D6
LXCL-PWF1
D7
VOUT
LXCL-PWF1
D8
280K
R9
D3
1
D2
2
D1
3
AGND
4
CT
5
EN/SET
6
VIN
13
C1+
14
C1-
15
PGND
16
F4
17
F3
18
U1
AAT2830/31
RGB
0.1μF
C5
EN
DC+
J1
R9 = 280K for
30mA/channel backlight
B
G
R
Optional footprints for
auxiliary lighting LEDs
C7
100μF
optional 100μF
lab supply bypass
VIN
Figure 1: AAT2830/31 Section Schematic of Evaluation Board.


Similar Part No. - AATIAN49

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
AATIAN47 SIGE-AATIAN47 Datasheet
94Kb / 4P
   Six-Channel White LED Backlight Charge Pump with Flash
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
More results

Similar Description - AATIAN49

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com