Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLUC730Z4 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHLUC730Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUC730Z4 Datasheet(HTML) 6 Page - International Rectifier

  IRHLUC730Z4 Datasheet HTML 1Page - International Rectifier IRHLUC730Z4 Datasheet HTML 2Page - International Rectifier IRHLUC730Z4 Datasheet HTML 3Page - International Rectifier IRHLUC730Z4 Datasheet HTML 4Page - International Rectifier IRHLUC730Z4 Datasheet HTML 5Page - International Rectifier IRHLUC730Z4 Datasheet HTML 6Page - International Rectifier IRHLUC730Z4 Datasheet HTML 7Page - International Rectifier IRHLUC730Z4 Datasheet HTML 8Page - International Rectifier IRHLUC730Z4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRHLUC770Z4, 2N7617UC
Pre-Irradiation
6
www.irf.com
Fig 12. Maximum Drain Current Vs.
CaseTemperature
Fig 10. Typical Gate Charge Vs.
Gate-to-SourceVoltage
Fig 9. Typical Capacitance Vs.
Drain-to-SourceVoltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
40
80
120
160
200
240
280
VGS = 0V,
f = 1 MHz
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
0.5
1.0
1.5
2.0
2.5
VSD , Source-to-Drain Voltage (V)
0.01
0.1
1
10
VGS = 0V
TJ = 150°C
TJ = 25°C
Fig 11. Typical Source-to-Drain Diode
Forward Voltage
0
0.511.5
22.533.5
4
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS = 48V
VDS = 30V
VDS = 12V
ID = 0.89A
FOR TEST CIRCUIT
SEE FIGURE 17
25
50
75
100
125
150
TC , Case Temperature (°C)
0
0.2
0.4
0.6
0.8
1.0


Similar Part No. - IRHLUC730Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7630Z4 IRF-IRHLUC7630Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
304Kb / 16P
   Simple Drive Requirements
IRHLUC7670Z4 IRF-IRHLUC7670Z4_15 Datasheet
304Kb / 16P
   Simple Drive Requirements
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLUC730Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB780Z4 IRF-IRHLUB780Z4 Datasheet
142Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com