Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLNM87Y20 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHLNM87Y20
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLNM87Y20 Datasheet(HTML) 2 Page - International Rectifier

  IRHLNM87Y20 Datasheet HTML 1Page - International Rectifier IRHLNM87Y20 Datasheet HTML 2Page - International Rectifier IRHLNM87Y20 Datasheet HTML 3Page - International Rectifier IRHLNM87Y20 Datasheet HTML 4Page - International Rectifier IRHLNM87Y20 Datasheet HTML 5Page - International Rectifier IRHLNM87Y20 Datasheet HTML 6Page - International Rectifier IRHLNM87Y20 Datasheet HTML 7Page - International Rectifier IRHLNM87Y20 Datasheet HTML 8Page - International Rectifier IRHLNM87Y20 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRHLNM87Y20
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
17*
ISM
Pulse Source Current (Body Diode)
À
——
68
VSD
Diode Forward Voltage
1.0
V
Tj = 25°C, IS = 17A, VGS = 0V Ã
trr
Reverse Recovery Time
41
ns
Tj = 25°C, IF = 17A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
33
nC
VDD ≤ 20V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
20
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.028
V/°C
Reference to 25°C, ID = 250µA
Voltage
RDS(on)
Static Drain-to-Source On-State
12
15
VGS = 4.5V, ID = 17A*
Resistance
11
14
VGS = 7.0V, ID = 17A*
VGS(th)
Gate Threshold Voltage
1.0
2.3
V
VDS = VGS, ID = 250µA
∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient
-4.2
mV/°C
gfs
Forward Transconductance
20
S
VDS = 15V, IDS = 17A Ã
IDSS
Zero Gate Voltage Drain Current
1.0
VDS = 16V ,VGS = 0V
——
10
VDS = 16V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 12V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -12V
Qg
Total Gate Charge
18
24
VGS = 5.5V, ID = 17A
Qgs
Gate-to-Source Charge
5.0
7.2
nC
VDS = 10V
Qgd
Gate-to-Drain (‘Miller’) Charge
4.0
6.3
td(on)
Turn-On Delay Time
18
24
VDD = 10V, ID = 17A
tr
Rise Time
73
150
VGS = 5.5V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
24
32
tf
Fall Time
10
18
LS + LD
Total Inductance
1.0
Ciss
Input Capacitance
2336
VGS = 0V, VDS = 20V
Coss
Output Capacitance
596
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
147
nA
Ã
nH
ns
µA
Measured from the center of
drain pad to center of source pad
Rg
Gate Resistance
0.76
f = 1.0MHz, open drain
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
3.5
°C/W
* Current is limited by package
m
‡


Similar Part No. - IRHLNM87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHLNM87Y20 IRF-IRHLNM87Y20_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLNM87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB780Z4 IRF-IRHLUB780Z4 Datasheet
142Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com