Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE0505M Datasheet(PDF) 2 Page - C&D Technologies

Part # NTE0505M
Description  Isolated 1W Single Output SM DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTE0505M Datasheet(HTML) 2 Page - C&D Technologies

  NTE0505M Datasheet HTML 1Page - C&D Technologies NTE0505M Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NTE SERIES
Isolated 1W Single Output SM DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NTE.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
10
G
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All variants
110
kHz
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
–40
85
°C
Storage
–55
125
°C
0303M, 0305M, 0503M, 0505ME
30
Case Temperature
0505M, 1205M
40
°C
above ambient
All other output types
40
Cooling
Free air convection
MECHANICAL DIMENSIONS
PIN
1
GND
3
VIN
5
NA
7
0V
8
+V
10
NA
12
NA
14
NA
Weight: 1.21g
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch.
NA – Not available
for electrical connection
12.70
7.62
11.20
10.40
6.60
(5.95)
(6.35)
5.85
0.65
0.55
0.30
0.20
1.875
MAX
DETAIL A
DETAIL A
1.50
1.20
7.70
2.54
2.10
0.5
REFERENCE
PLANE
±5.00°
0.25
0.10
2.79MAX
1
3
5
7
8
10
12
14
0.1 S
0.2 M
P
S
P
10 PINS
SEATING PLANE
S
NTE0505M
XYYWW
PERFORMANCE CHARACTERISTICS
tolerance envelope (3.3V output types)
+9%
+1%
VNOM
-7%
+1%
-7%
-15%
10
25
50
75
100
Output Load Current (%)
tolerance envelope (all other types)
+10%
+5%
V
NOM
+2.5%
-2.5%
-7.5%
10
25
50
75
100
Output Load Current (%)
TEMPERATURE DERATING
2.0
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature (°C)
85°C
Safe Operating Area


Similar Part No. - NTE0505M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC MURATA-NTE0505MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0505MC MURATA-NTE0505MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0505MC MURATA-NTE0505MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTE0505MC MURATA-PS-NTE0505MC Datasheet
237Kb / 8P
   Isolated 1W Single Output SM DC-DC Converters
2023
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results

Similar Description - NTE0505M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com