Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN28 Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # AATIAN28
Description  1MHz 2.5A Buck DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN28 Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  AATIAN28 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN28 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN28 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN28 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN28 Datasheet HTML 5Page - SiGe Semiconductor, Inc. AATIAN28 Datasheet HTML 6Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B. Short-Circuit and Over-Temperature Protection
1.
Raise the input voltage to 5.5V.
2.
Apply a short from V
O+ to GND at the evaluation board terminals.
3.
Remove the short and verify that output returns to its initial value.
C. Enable Input and Power OK Output
1. Short the enable pin to GND. The output should decay to zero.
2. Remove the short applied to the enable pin. The output should recover to its initial value.
Figure 4: AAT1155 Connection Diagram.
Voltmeter
1.500V
Load
0-2.5A
3.650V
0.147A
Power Supply
Voltmeter
3.600V
Oscilloscope
EV-107.2005.01.1.0
3
EV-107
AAT1155 EVAL
1MHz 2.5A Buck DC/DC Converter


Similar Part No. - AATIAN28

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
   3MHz Fast Transient 400mA Step-Down Converter
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
   1A Buck DC/DC Switch Mode Regulator
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
More results

Similar Description - AATIAN28

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
   2.5A 52KHz 32V PWM Buck DC/DC Converter
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com