Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AATIAN27 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # AATIAN27
Description  1MHz 3A Buck DC/DC Switch Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN27 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  AATIAN27 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN27 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN27 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN27 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Table 1: AAT1154 Evaluation Board Specifications.
Figure 2: AAT1154 Evaluation
Figure 3: AAT1154 Evaluation
Board PCB Top Side.
Board PCB Bottom Side.
Test Equipment
1.
6.0V 10A laboratory power supply: HP33401A or equivalent.
2.
DC 0A to 3.0A load capable of operation down to 1.0V: Keithley 2400 or equivalent.
When using the Keithley 2400, set the meter to zero volts in voltage source mode and set the load cur-
rent by varying the current compliance (maximum current) of the meter.
3.
DC voltmeter: HP34401A or equivalent.
4.
Oscilloscope: Tektronix TDS744A or equivalent.
Setup and Test
A: Load and Line Regulation (see connection diagram in Figure 4)
1.
Apply a DC power supply and DC voltmeter across input voltage terminals: V
IN+ (positive terminal) and
GND (negative terminal or return).
2.
Apply a DC load and DC voltmeter to output terminals.
VO+ and GND.
3.
Vary the load from 0 to 3.0A and the input voltage from 2.7V to 5.5V while monitoring the output voltage.
4.
The output voltage as measured at the output terminals of the evaluation board should not vary by more
than ±3% of the nominal voltage.
B: Short-Circuit and Over-Temperature Protection
1. Raise the input voltage to 5.5V.
2. Apply a short from V
O+ to GND at the evaluation board terminals.
3. Remove the short and verify that output returns to its initial value.
Specification
Test Conditions
Min
Typ
Max
Units
Input Voltage
2.7
3.6
5.5
V
Output Error Voltage
±3
%
Output Current
0
3.0
A
2
EV-104.2005.01.1.0
EV-104
AAT1154EVAL
1MHz 3A Buck DC/DC Switch Mode Regulator


Similar Part No. - AATIAN27

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
   3MHz Fast Transient 400mA Step-Down Converter
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
   1A Buck DC/DC Switch Mode Regulator
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
More results

Similar Description - AATIAN27

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
SiGe Semiconductor, Inc...
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
   1A Buck DC/DC Switch Mode Regulator
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
   DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com