Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR812TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFR812TRPBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR812TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFR812TRPBF Datasheet HTML 1Page - International Rectifier IRFR812TRPBF Datasheet HTML 2Page - International Rectifier IRFR812TRPBF Datasheet HTML 3Page - International Rectifier IRFR812TRPBF Datasheet HTML 4Page - International Rectifier IRFR812TRPBF Datasheet HTML 5Page - International Rectifier IRFR812TRPBF Datasheet HTML 6Page - International Rectifier IRFR812TRPBF Datasheet HTML 7Page - International Rectifier IRFR812TRPBF Datasheet HTML 8Page - International Rectifier IRFR812TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFR812TRPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
TC , CaseTemperature (°C)
0
1
2
3
4
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
01
234
567
ID , Drain Current (A)
1.5
2.0
2.5
3.0
VGS = 10V
VGS = 20V
Fig 9. Typical Rdson Vs. Drain Current


Similar Part No. - IRFR812TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR812TRPBF IRF-IRFR812TRPBF Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com