Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM8330PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHM8330PBF
Description  Charge and Discharge Switch for Notebook PC Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8330PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHM8330PBF Datasheet HTML 1Page - International Rectifier IRFHM8330PBF Datasheet HTML 2Page - International Rectifier IRFHM8330PBF Datasheet HTML 3Page - International Rectifier IRFHM8330PBF Datasheet HTML 4Page - International Rectifier IRFHM8330PBF Datasheet HTML 5Page - International Rectifier IRFHM8330PBF Datasheet HTML 6Page - International Rectifier IRFHM8330PBF Datasheet HTML 7Page - International Rectifier IRFHM8330PBF Datasheet HTML 8Page - International Rectifier IRFHM8330PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
IRFHM8330PbF
5
www.irf.com
© 2013 International Rectifier
June 4, 2013
0
5
10
15
20
VGS, Gate -to -Source Voltage (V)
0
5
10
15
20
25
ID = 20A
TJ = 25°C
TJ = 125°C
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 14. Single Avalanche Event: Pulse Current vs. Pulse Width
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
ID
TOP
4.0A
8.5A
BOTTOM 20A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming  j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 125°C and
Tstart =25°C (Single Pulse)


Similar Part No. - IRFHM8330PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
675Kb / 10P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFHM8330PBF IRF-IRFHM8330PBF_15 Datasheet
675Kb / 10P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8330PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
logo
Infineon Technologies A...
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com