Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NML0515S Datasheet(PDF) 1 Page - C&D Technologies

Part # NML0515S
Description  Isolated 2W Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NML0515S Datasheet(HTML) 1 Page - C&D Technologies

  NML0515S Datasheet HTML 1Page - C&D Technologies NML0515S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
Wide Temperature performance at
full 2 Watt load, –40°C to 85°C
s
Single Isolated Output
s
Pin Compatible with LME and
NME Series
s
Industry Standard Pinout
s
1kVDC Isolation
s
Efficiency to 85%
s
Power Density up to 2.01W/cm3
s
5V & 12V Input
s
5V, 9V, 12V and 15V Output
s
Footprint from 1.05cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
MTTF up to 2.9 Million hours
s
Custom Solutions Available
s
No Electrolytic or Tantalum
Capacitors
DESCRIPTION
The NML Series of DC-DC Converters is
particularly suited to isolating and/or
converting DC power rails. The galvanic
isolation allows the device to be configured
to provide an isolated negative rail in systems
where only positive rails exist. The wide
temperature range guarantees startup from
–40°C and full 2 watt output at 85°C. Pin
compatibility with the NME and LME ensures
ease of upgradeability.
Nominal
Input
Output
Output
Input Current
Voltage
Voltage
Current
at Rated Load
MTTF1
Order Code
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NML0505S
5
5
400
513
78
19
2327
NML0509S
5
9
222
492
81
27
1393
NML0512S
5
12
167
479
84
32
832
NML0515S
5
15
133
481
83
27
481
NML1205S
12
5
400
207
81
28
716
NML1209S
12
9
222
198
84
42
593
NML1212S
12
12
167
197
85
46
461
NML1215S
12
15
133
197
85
54
328
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.5
5
5.5
Voltage Range
Continuous operation, 12V input types
10.8
12
13.2
V
Reflected
5V input types
20
33
mA p-p
Ripple Current
12V input types
23
38
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= –40°C to 85°C
2
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 5V output types
7.0
8.5
Load Regulation
10% load to rated load, 9V output types
4.5
5.2
%
10% load to rated load, 12V output types
4.5
5.5
10% load to rated load, 15V output types
3.7
8.5
NML0505S, BW=DC to 20MHz
96
NML0509S, BW=DC to 20MHz
67
NML0512S, BW=DC to 20MHz
59
Ripple & Noise
NML0515S, BW=DC to 20MHz
53
200
mV p-p
NML1205S, BW=DC to 20MHz
76
NML1209S, BW=DC to 20MHz
63
NML1212S, BW=DC to 20MHz
53
NML1215S, BW=DC to 20MHz
45
Internal power dissipation
805mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NML05 types
7V
Input voltage VIN, NML12 types
15V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NML SERIES
Isolated 2W Single Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NML0515S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NML0515SC MURATA-NML0515SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NML0515SC MURATA-PS-NML0515SC Datasheet
219Kb / 8P
   Isolated 2W Single Output DC-DC Converters
2023
More results

Similar Description - NML0515S

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com