Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIMMF200N120DK Datasheet(PDF) 1 Page - Micross Components

Part # MIMMF200N120DK
Description  1200V 200A FRED Module RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF200N120DK Datasheet(HTML) 1 Page - Micross Components

  MIMMF200N120DK Datasheet HTML 1Page - Micross Components MIMMF200N120DK Datasheet HTML 2Page - Micross Components MIMMF200N120DK Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MIMMF200N120DA
MIMMF200N120DK
1200V 200A FRED Module
RoHS Compliant
PRODUCT FEATURES
Ultrafast Reverse Recovery Time
Soft Reverse Recovery Characteristics
Low Reverse Recovery Loss
Low Forward Voltage
High Surge Current Capability
Low Inductance Package
APPLICATIONS
Inversion Welder
Uninterruptible Power Supply (UPS)
Plating Power Supply
Ultrasonic Cleaner and Welder
Converter & Chopper
Power Factor Correction (PFC) Circuit
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Values
Unit
VR
Maximum D.C. Reverse Voltage
1200
V
VRRM
Maximum Repetitive Reverse Voltage
1200
V
TC=75°C, Per Diode
100
A
TC=75°C, Per Moudle
200
A
IF(AV)
Average Forward Current
TC=85°C, 20KHz, Per Moudle
150
A
IF(RMS)
RMS Forward Current
TC=75°C, Per Diode
150
A
TJ=45°C, t=10ms, 50Hz, Sine
1100
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=8.3ms, 60Hz, Sine
1200
A
TJ=45°C, t=10ms, 50Hz, Sine
6050
A2s
I2t
I2t (For Fusing)
TJ=45°C, t=8.3ms, 60Hz, Sine
7200
A2s
PD
Power Dissipation
280
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, t=1min
3000
V
Torque
Module-to-Sink
Recommended(M5)
2.5~4
N·m
Torque
Module Electrodes
Recommended(M5)
2.5~4
N·m
RθJC
Thermal Resistance
Junction-to-Case
0.44
°C /W
Weight
100
g


Similar Part No. - MIMMF200N120DK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF200N120DK MICROSS-MIMMF200N120DK Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
More results

Similar Description - MIMMF200N120DK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF200S120B MICROSS-MIMMF200S120B Datasheet
1Mb / 2P
   1200V 200A FRED Module RoHS Compliant
MIMMF200N120DK MICROSS-MIMMF200N120DK Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMD200FB160X MICROSS-MIMMD200FB160X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMG200DR120DE MICROSS-MIMMG200DR120DE Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6TN MICROSS-MIMMG200D120B6TN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120B MICROSS-MIMMG200DR120B Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZK MICROSS-MIMMG200DR120UZK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com