Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2205 Datasheet(PDF) 3 Page - Texas Instruments

Part # 2205
Description  DRV411EVM Users Guide
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2205 Datasheet(HTML) 3 Page - Texas Instruments

  2205 Datasheet HTML 1Page - Texas Instruments 2205 Datasheet HTML 2Page - Texas Instruments 2205 Datasheet HTML 3Page - Texas Instruments 2205 Datasheet HTML 4Page - Texas Instruments 2205 Datasheet HTML 5Page - Texas Instruments 2205 Datasheet HTML 6Page - Texas Instruments 2205 Datasheet HTML 7Page - Texas Instruments 2205 Datasheet HTML 8Page - Texas Instruments 2205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Power Supply, Reference, and Gain Options
2.1
Default Jumper Settings
Table 1 provides descriptions of the jumpers on the EVM and their function:
Table 1. Jumper Descriptions
Jumper
Default State
Description
GSEL1
Open
Gain select options, selects the gain of the Hall amplifier
GSEL2
Open
Gain select options, selects the gain of the Hall amplifier
REFSEL1
Open
Reference select options, selects the reference mode
REFSEL2
Open
Reference select options, selects the reference mode
2.2
Available Test Points
Table 2 provides descriptions of the test points on the EVM and their functions:
Table 2. Test Point (TP) Descriptions
TP Name
Description
VCC
EVM power, monitor with respect to GND test point
GND
System ground, there are 5 GND test points for ease of monitoring
IAIN1
Inverting input of the differential amplifier
IAIN2
Non-inverting input of the differential amplifier
ERROR
Error flag output (open drain output with 10-k
Ω pull-up)
OR
Over Range Indicator (open drain output with 10-k
Ω pull-up)
VOUT
Output of the differential amplifier
REFIN
Input for zero reference to differential amplifier
Other
There are four additional test points for use in monitoring the state of the reference select
pins as well as the gain select pins
3
Power Supply, Reference, and Gain Options
The EVM requires a single power supply in the range of +2.7-V to +5.5-V DC, for proper operation of the
device. The EVM (without a Hall sensor installed) draws less than 10 mA at 5.5 V.
Power can be applied to the EVM via the banana jacks labeled VCC and GND, or through clip leads
directly to the VCC and GND test points. When operating the EVM, TI recommends to use a linear DC
bench supply, current limited to 50 mA.
3.1
Reference Voltage Selection
The EVM provides two jumpers to configure the reference voltage output selection. The reference
selection input pins are pulled to ground, or logic ‘0’ by default (jumpers ‘open’). Closing the jumpers
places the associated REFSEL pin at the applied Vcc potential (logic ‘1’). Table 3 provides a description of
the available options:
Table 3. Voltage Selection Options
Mode
REFSEL1
REFSEL2
Description
REF = 2.5 V
Open
Open
Used with Hall-sensor supply of 5 V
REF = 1.65 V
Closed
Open
Used with Hall-sensor supply of 3.3 V
Ratiometric Output
Closed
Closed
Provides a reference output centered on VCC/2
3
SLVU772A – August 2013 – Revised November 2013
DRV411EVM User's Guide
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - 2205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2205 ETC1-2205 Datasheet
32Kb / 1P
   high Current Toroid Inductors
2205 ETC2-2205 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
logo
Littelfuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
logo
Heyco.
2205 HEYCO-2205 Datasheet
151Kb / 1P
   Extra Dome Plugs
logo
RAF ELECTRONIC HARDWARE
2205-632-AL RAF-2205-632-AL Datasheet
85Kb / 1P
   5/16 HEX FEMALE STANDOFFS
More results

Similar Description - 2205

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
   Software Users Guide
logo
Texas Instruments
LM60440AQEVM TI-LM60440AQEVM Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
   DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
UG130 SILABS-UG130 Datasheet
9Mb / 14P
   Si86xxT-EVB Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com