Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54122RHLT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54122RHLT
Description  Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54122RHLT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54122RHLT Datasheet HTML 5Page - Texas Instruments TPS54122RHLT Datasheet HTML 6Page - Texas Instruments TPS54122RHLT Datasheet HTML 7Page - Texas Instruments TPS54122RHLT Datasheet HTML 8Page - Texas Instruments TPS54122RHLT Datasheet HTML 9Page - Texas Instruments TPS54122RHLT Datasheet HTML 10Page - Texas Instruments TPS54122RHLT Datasheet HTML 11Page - Texas Instruments TPS54122RHLT Datasheet HTML 12Page - Texas Instruments TPS54122RHLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1.05
1.10
1.15
1.20
1.25
1.30
1.35
±40
±20
0
20
40
60
80
100
120
140
Temperature (
ƒC)
Enable pin low-level voltage (V)
Enable pin high-level voltage (V)
C006
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
±40
±20
0
20
40
60
80
100
120
140
Temperature (
ƒC)
V(en) =1.3
V(en) =1.13
C010
0
1
2
3
4
5
6
7
8
Time (200 ms/div)
V(vin)
Vdc-dc_out
V(out)
C015
V
(EN) = V(VIN)
V
(LDOEN) = VDC-DC_OUT
480
485
490
495
500
505
510
515
520
-40
-20
0
20
40
60
80
100
120
140
Temperature (
SC)
C009
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (20 ms/div)
V(en) (V)
V(out) (V)
C019
R
LOAD = 1.8
-0.030
-0.020
-0.010
0.000
0.010
1
1.5
2
2.5
3
3.5
4
4.5
5
Time (20 µs/div)
C021
V
(OUT) Deviation
I
(OUT) = 1.5 A to 2.5 A to 1.5 A (1 A/µs)
TPS54122
www.ti.com
SBVS221A – NOVEMBER 2013 – REVISED NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At V(VIN) = V(BIAS)= V(LDOEN)= 5 V, V(LDOIN) = DC-DC_OUT = 2.1 V, V(OUT) = 1.8 V, I(OUT) = 50 mA, V(EN) = floating,
COUT = 100 μF, and CSS = CNR = 0.01 µF (see Figure 25), unless otherwise noted.
Figure 13. LOAD TRANSIENT RESPONSE
Figure 14. ENABLE PULSE RESPONSE
Figure 15. POWER-UP AND POWER DOWN RESPONSE
Figure 16. DC-DC SWITCHING FREQUENCY vs
TEMPERATURE
Figure 17. DC-DC EN UVLO THRESHOLD vs
Figure 18. ENABLE PIN CURRENT vs TEMPERATURE
TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54122


Similar Part No. - TPS54122RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
More results

Similar Description - TPS54122RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Texas Instruments
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
logo
Wall Industries,Inc.
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
LANCY3 WALL-LANCY3 Datasheet
293Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
logo
Bothhand USA, LP.
B3-0515D3-LF BOTHHAND-B3-0515D3-LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
B3-0515D3LF BOTHHAND-B3-0515D3LF Datasheet
918Kb / 6P
   3 Watt Dual Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com