Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3171IRGCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3171IRGCT
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3171IRGCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3171IRGCT Datasheet HTML 6Page - Texas Instruments DAC3171IRGCT Datasheet HTML 7Page - Texas Instruments DAC3171IRGCT Datasheet HTML 8Page - Texas Instruments DAC3171IRGCT Datasheet HTML 9Page - Texas Instruments DAC3171IRGCT Datasheet HTML 10Page - Texas Instruments DAC3171IRGCT Datasheet HTML 11Page - Texas Instruments DAC3171IRGCT Datasheet HTML 12Page - Texas Instruments DAC3171IRGCT Datasheet HTML 13Page - Texas Instruments DAC3171IRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
DACCLKP
DACCLKN
CLKVDD18
NC
NC
DA_CLKP
DA_CLKN
VFUSE
(MSB) DA6P
DA6N
DA5P
DA5N
DA4P
DA4N
DA3P
DA3N
NC
TXENABLE
ALARM
SDO
IOVDD
SDIO
SCLK
SDENB
RESETB
NC
NC
NC
NC
NC
NC
NC
GND PAD (backside)
DAC3171
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
PIN OUT – DAC3171 7-BIT INTERFACE MODE
PIN ASSIGNMENT TABLE – DAC3171 7-BIT INTERFACE MODE
PIN
I/O
DESCRIPTION
NAME
NO.
CONTROL/SERIAL
SCLK
43
I
Serial interface clock. Internal pull-down.
SDENB
42
I
Serial interface clock. Internal pull-up.
SDIO
44
I/O
Bi-directional serial data in 3 pin mode (default). In 4-pin interface mode (register XYZ), the SDIO pin
in an input only. Internal Pull-down.
SDO
46
O
Uni-directional serial interface data in 4 pin mode (register XYZ). The SDO pin is tri-stated in 3-pin
interface mode (default). Internal Pulldown.
RESETB
41
I
Serial interface reset input. Active low. Initialized internal registers during high to low transition.
Assynchronous. Internal pull-up.
ALARM
47
O
CMOS output for ALARM condition.
TXENABLE
48
I
Transmit enable active high input. TXENABLE must be high for the DATA to the DAC to be enabled.
When TXENABLE is low, the digital logic section is forced to all 0, and any input data is ignored.
Internal pull-down.
SLEEP
49
I
Puts device in sleep, active high. Internal pull-down.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171


Similar Part No. - DAC3171IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3171 TI-DAC3171 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3171IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com