Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV411AIPWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV411AIPWP
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV411AIPWP Datasheet(HTML) 1 Page - Texas Instruments

  DRV411AIPWP Datasheet HTML 1Page - Texas Instruments DRV411AIPWP Datasheet HTML 2Page - Texas Instruments DRV411AIPWP Datasheet HTML 3Page - Texas Instruments DRV411AIPWP Datasheet HTML 4Page - Texas Instruments DRV411AIPWP Datasheet HTML 5Page - Texas Instruments DRV411AIPWP Datasheet HTML 6Page - Texas Instruments DRV411AIPWP Datasheet HTML 7Page - Texas Instruments DRV411AIPWP Datasheet HTML 8Page - Texas Instruments DRV411AIPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
VDD
Rotation
Switches
Demod
and
Filtering
Gain, Compensation,
Excitation Control
Class AB
Pre-Driver
Voltage Reference
2.5V, 1.65V,
Ratiometric
Overrange
RSEL2
RSEL1
OR
ERROR
GSEL2
GSEL1
Linear
H-Bridge
Driver
Differential
Amplifier
VOUT
REFIN
REFOUT
IAIN1
RSHUNT
DRV411
HALL1
HALL4
IAIN2
GND
Magnetic Core
ICOMP1
ICOMP2
Primary Winding
Compensation
Winding
IPRIM
Sensor
Excitation
DRV411
www.ti.com
SBOS693B – AUGUST 2013 – REVISED DECEMBER 2013
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
Check for Samples: DRV411
1
FEATURES
DESCRIPTION
The DRV411 is designed to condition InSb Hall
23
Optimized for Symmetric Hall-Elements
elements
for
use
in
closed-loop
current-sensor
(for example, AKM HW-322, HW-302, or similar)
modules. The DRV411 provides precision excitation
Spinning Current Hall Sensor Excitation
circuitry for the Hall-element effectively eliminating
the offset and offset-drift of the Hall element. This
Elimination of Hall Sensor Offset and Drift
device also provides a 250-mA H-bridge for driving
Elimination of 1/f Noise
the sensor compensation coil as well a precision
Extended Current Measurement Range
differential amplifier to generate the output signal.
H-Bridge Drive Capability: 250 mA
The 250-mA drive capability of the H-bridge roughly
doubles the current measurement range compared to
Precision Difference Amplifier:
conventional single-ended drive methods.
Offset and Drift: 100 µV (max), 2 µV/°C
The Hall sensor front-end circuit and the differential
(max)
amplifier
employ
proprietary
offset
cancelling
System Bandwidth: 200 kHz
techniques. These techniques, along with a high-
Precision Reference:
accuracy voltage reference, significantly improve the
accuracy of the overall current-sensor module. The
Accuracy: 0.2% (max)
output voltage is pin-selectable to support a 2.5-V
Drift: 50 ppm/°C (max)
output for use with a 5-V power supply, as well as
Pin-Selectable for 2.5 V, 1.65 V, and
1.65-V for 3.3-V sensors.
Ratiometric Mode
For
optimum
heat
dissipation,
the
DRV411
is
Overrange and Error Flags
available in thermally enhanced 4-mm × 4-mm QFN
Supply: 2.7 V to 5.5 V
and TSSOP-20 with PowerPAD packages. The
DRV411 is specified for operation over the full
Packages: 4-mm × 4-mm QFN and TSSOP-20
extended industrial temperature range of –40°C to
PowerPAD™
+125°C.
Temperature Range: –40°C to +125°C
APPLICATIONS
Closed-Loop Current-Sensor Modules
DC and AC Current Measurement
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV411AIPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411RGP TI1-DRV411RGP Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
More results

Similar Description - DRV411AIPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com