Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA20N60FS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FCA20N60FS
Description  DESIGN/PROCESS CHANGE NOTIFICATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA20N60FS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCA20N60FS Datasheet HTML 1Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 2Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 3Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 4Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 5Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 6Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 7Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 8Page - Fairchild Semiconductor FCA20N60FS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Qualification Plan
Device
Package
Process
No. of Lots
Q20120257
FDA59N25
TT3P0003
UniFET1 150~250V
3
Reliability
Test
Condition
Standard
Device
Name
FDA59N25
FDA59N25
FDA59N25
Lot No.
Q20120257AA Q20120257AB Q20120257AC
Duration
Result/FA
Result/FA
Result/FA
HTGB
100 % Rated
VGS, Tj
max=150C
JESD22-
A108
1000hrs
0/77
0/77
0/77
HTRB
80% of Rated
BV, Tj
max=150C
JESD22-
A108
1000hrs
0/77
0/77
0/77
HTSL
150 C
JESD22-
A103
1000hrs
0/77
0/77
0/77
HAST
130 C, 85% RH,
Vds=42V
JESD22-
A110
96hrs
0/77
0/77
0/77
PRCL
Delta 100C, 5
min on, 3.5 min
off
MIL-STD-
750-1036
6000
cycles
0/77
0/77
0/77
RSDH
260C
JESD22-
B106
10sec
0/30
0/30
0/30
TMCL
-65 C to 150 C,
30 min/ cycles
JESD22-
A104
500
cycles
0/77
0/77
0/77
4 of 14


Similar Part No. - FCA20N60FS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
930Kb / 8P
   600V N-CHANNEL FRFET
logo
Inchange Semiconductor ...
FCA20N60F ISC-FCA20N60F Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCA20N60FS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com