Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8864IDGSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8864IDGSR
Description  16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8864IDGSR Datasheet(HTML) 5 Page - Texas Instruments

  ADS8864IDGSR Datasheet HTML 1Page - Texas Instruments ADS8864IDGSR Datasheet HTML 2Page - Texas Instruments ADS8864IDGSR Datasheet HTML 3Page - Texas Instruments ADS8864IDGSR Datasheet HTML 4Page - Texas Instruments ADS8864IDGSR Datasheet HTML 5Page - Texas Instruments ADS8864IDGSR Datasheet HTML 6Page - Texas Instruments ADS8864IDGSR Datasheet HTML 7Page - Texas Instruments ADS8864IDGSR Datasheet HTML 8Page - Texas Instruments ADS8864IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
œœ
œœ
œœ
D15
D14
D1
D0
1
2
15
16
D2
D13
14
DOUT
SCLK
CONVST
3
1/fsample
tACQ
tconv-max
twh-CNV-min
td-CNV-DO
th-CK-DO
td-CK-DO
tSCLK
tclkl
tclkh
tquiet
td-CK-DOhz
DIN = HIGH
ADS8864
www.ti.com
SBAS572A – MAY 2013 – REVISED DECEMBER 2013
TIMING CHARACTERISTICS
3-WIRE OPERATION
Figure 1. 3-Wire Operation: CONVST Functions as Chip Select
NOTE
Figure 1 shows the timing diagram for the 3-Wire CS Mode Without a Busy Indicator
interface option. However, the timing parameters specified in Table 1 are also applicable
for the 3-Wire CS Mode With a Busy Indicator interface option, unless otherwise specified.
Refer to the Digital Interface section for specific details for each interface option.
Table 1. TIMING REQUIREMENTS: 3-Wire Operation(1)
PARAMETER
MIN
TYP
MAX
UNIT
tACQ
Acquisition time
1200
ns
tconv
Conversion time
500
1300
ns
1/fsample
Time between conversions
2500
ns
twh-CNV
Pulse duration: CONVST high
10
ns
fSCLK
SCLK frequency
16
MHz
tSCLK
SCLK period
62.5
ns
tclkl
SCLK low time
0.45
0.55
tSCLK
tclkh
SCLK high time
0.45
0.55
tSCLK
th-CK-DO
SCLK falling edge to current data invalid
3
ns
td-CK-DO
SCLK falling edge to next data valid delay
13.4
ns
td-CNV-DO
Enable time: CONVST low to MSB valid
12.3
ns
td-CNV-DOhz
Disable time: CONVST high or last SCLK falling edge to DOUT 3-state (CS mode)
13.2
ns
tquiet
Quiet time
20
ns
(1)
All specifications are at TA = –40°C to +85°C, AVDD = 3 V, and DVDD = 3 V, unless otherwise noted.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS8864


Similar Part No. - ADS8864IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8864IDGSR TI1-ADS8864IDGSR Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8864IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com