Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3026 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LTC3026
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC3026 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LTC3026 Datasheet HTML 1Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 2Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 3Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
5
3021fc
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Dropout Voltage
Minimum Input Voltage
OUTPUT CURRENT (mA)
0
250
225
200
150
175
125
100
75
50
25
0
3021 G01
200
100
300
400
500
TJ = 125°C
TJ = 25°C
TEMPERATURE (°C)
–50
250
225
200
150
175
125
100
75
50
25
0
3021 G02
25
0
–25
50
75
125
100
IL = 1mA
IL = 100mA
IL = 250mA
IL = 500mA
IL = 50mA
IL = 10mA
VOUT = 1.2V
TEMPERATURE (°C)
–50
1.2
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
3021 G16
25
0
–25
50
75
125
100
IL = 500mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3021 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3021E regulators are 100% tested
at TA = 25°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process controls. The
LT3021I regulators are guaranteed over the full –40ºC to 125ºC operating
junction temperature range.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at maximum input voltage. Limit the input voltage range
if operating at maximum output current.
Note 5: Typically the LT3021 supplies 500mA output current with a 1V
input supply. The guranteed minimum input voltage for 500mA output
current is 1.10V.
Note 6: The LT3021 is tested and specified for these conditions with an
external resistor divider (20k and 30.1k) setting VOUT to 0.5V. The external
resistor divider adds 10μA of output load current. The line regulation and
load regulation specifications refer to the change in the 0.2V reference
voltage, not the 0.5V output voltage. Specifications for fixed output voltage
devices are referred to the output voltage.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout the
output voltage equals: (VIN – VDROPOUT).
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.4V and a
current source load. GND pin current will increase in dropout. See GND pin
current curves in the Typical Performance Characteristics section.
Note 9: Adjust pin bias current flows out of the ADJ pin.
Note 10: Shutdown pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with IN grounded and OUT
forced to the rated output voltage. This current flows into the OUT pin and
out of the GND pin. For fixed voltage devices this includes the current in
the output resistor divider.
Note 12: The LT3021 is tested and specified for these conditions with an
external resistor divider (20k and 100k) setting VOUT to 1.2V. The external
resistor divider adds 10μA of load current.
Note 13: Reverse current is higher for the case of (rated_output) < VOUT
< VIN, because the no-load recovery circuitry is active in this region and is
trying to restore the output voltage to its nominal value.
Note 14: Minimum input voltage is the minimum voltage required by the
control circuit to regulate the output voltage and supply the full 500mA
rated current. This specification is tested at VOUT = 0.5V. At higher output
voltages the minimum input voltage required for regulation will be equal to
the regulated output voltage VOUT plus the dropout voltage.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.


Similar Part No. - LTC3026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026 LINER-LTC3026 Datasheet
201Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026 Datasheet
1Mb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LTC3026 LINER-LTC3026 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC3026 LINER-LTC3026 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LTC3026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com