Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3026 Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

Part # LTC3026
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC3026 Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LTC3026 Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 9Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 10Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 11Page - Linear Dimensions Semiconductor LTC3026 Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
8
3021fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Ripple Rejection
Input Ripple Rejection
Load Regulation
ΔIL = 1mA to 500mA
No-Load Recovery Threshold
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
Transient Response
FREQUENCY (Hz)
10
20
30
60
50
40
70
10
1k
10k
1M
3021 G14
0
100
100k
VIN = 1.5V + 50mVRMS RIPPLE
VOUT = 0.5V
IL = 500mA
COUT = 4.7μF
COUT = 22μF
TEMPERATURE (°C)
–50
100
90
80
60
70
50
40
30
20
10
0
3021 G15
25
0
–25
50
75
125
100
VIN = 1.5V + 0.5VP-P RIPPLE AT 120Hz
VOUT = 0.5V
IL = 500mA
TEMPERATURE (°C)
–50
2.5
2.0
1.5
0.5
1.0
0
–0.5
–1.0
–1.5
–2.0
–2.5
3021 G17
25
0
–25
50
75
125
100
VIN = 1.15V
VOUT = 0.5V
*LOAD REGULATION NUMBER REFERS
TO CHANGE IN THE 200mV REFERENCE
VOLTAGE
OUTPUT OVERSHOOT (%)
0
18
16
12
14
10
8
6
4
2
0
3021 G20
15
10
5
20
FREQUENCY (Hz)
10
10
1
0.1
0.01
1k
100k
1M
100
10k
3021 G18
VOUT = 1.2V
IL = 500mA
COUT = 4.7μF
LOAD CURRENT (mA)
300
250
200
150
100
50
0
0.01
1
10
100
3021 G19
0.1
VOUT = 1.2V
COUT = 4.7μF
50μs/DIV
IOUT = 50mA TO 500mA
VIN = 1.5V
VOUT = 1.2V
COUT = 22μF
3021 G21
VOUT
50mV/DIV
IOUT
500mA/DIV


Similar Part No. - LTC3026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026 LINER-LTC3026 Datasheet
201Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026 Datasheet
1Mb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LTC3026 LINER-LTC3026 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC3026 LINER-LTC3026 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LTC3026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com