Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3010 Datasheet(PDF) 2 Page - Linear Dimensions Semiconductor

Part # LT3010
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3010 Datasheet(HTML) 2 Page - Linear Dimensions Semiconductor

  LT3010 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3010 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
2
3021fc
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ± 10V
OUT Pin Voltage......................................................±10V
Input-to-Output Differential Voltage ........................±10V
ADJ/SENSE Pin Voltage ....................................... ± 10V
SHDN Pin Voltage ................................................. ±10V
Output Short-Circut Duration ......................... Indefinite
(Note 1)
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
NC
NC
IN
NC
IN
NC
PGND
SHDN
NC
NC
OUT
OUT
NC
NC
ADJ
AGND
TOP VIEW
LT3021-ADJ
DH PACKAGE
16-LEAD (5mm × 5mm) PLASTIC DFN
TJMAX = 125°C, θJA = 35°C/ W*, θJC = 3°C/W**
EXPOSED PAD IS GND (PIN 17) CONNECT TO PINS 8, 10
EXPOSED PAD MUST BE SOLDERED TO THE PCB
*SEE THE APPLICATIONS INFORMATION SECTION
**MEASURED JUNCTION TO PIN 17
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
NC
NC
IN
NC
IN
NC
PGND
SHDN
NC
NC
OUT
OUT
NC
NC
SENSE
AGND
TOP VIEW
LT3021-FIXED
DH PACKAGE
16-LEAD (5mm × 5mm) PLASTIC DFN
TJMAX = 125°C, θJA = 35°C/ W*, θJC = 3°C/W**
EXPOSED PAD IS GND (PIN 17) CONNECT TO PINS 8, 10
EXPOSED PAD MUST BE SOLDERED TO THE PCB
*SEE THE APPLICATIONS INFORMATION SECTION
**MEASURED JUNCTION TO PIN 17
1
2
3
4
8
7
6
5
TOP VIEW
IN
NC
PGND
SHDN
NC
OUT
ADJ
AGND
LT3021-ADJ
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 125°C/ W*, θJC = 40°C/W**
*SEE THE APPLICATIONS INFORMATION SECTION
**MEASURED JUNCTION TO PIN 6
1
2
3
4
8
7
6
5
TOP VIEW
IN
NC
PGND
SHDN
NC
OUT
SENSE
AGND
LT3021-FIXED
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 125°C/ W*, θJC = 40°C/W**
*SEE THE APPLICATIONS INFORMATION SECTION
**MEASURED JUNCTION TO PIN 6
PIN CONFIGURATION
Operating Junction Temperature Range (E, I Grade)
(Notes 2, 3)............................................– 40°C to 125°C
Storage Temperature Range
DH .....................................................– 65°C to 125°C
S8 ......................................................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec, S8) ............ 300°C


Similar Part No. - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3010 LINER-LT3010 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3010 LINER-LT3010 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
More results

Similar Description - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com