Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL206MR Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSL206MR
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MR Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSL206MR Datasheet HTML 1Page - Fairchild Semiconductor FSL206MR Datasheet HTML 2Page - Fairchild Semiconductor FSL206MR Datasheet HTML 3Page - Fairchild Semiconductor FSL206MR Datasheet HTML 4Page - Fairchild Semiconductor FSL206MR Datasheet HTML 5Page - Fairchild Semiconductor FSL206MR Datasheet HTML 6Page - Fairchild Semiconductor FSL206MR Datasheet HTML 7Page - Fairchild Semiconductor FSL206MR Datasheet HTML 8Page - Fairchild Semiconductor FSL206MR Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
5
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
2. Key Features
AC Line Input Connection
On-Board Bulk Capacitors
Bulk Capacitor Charge Indicator
On-Board High-Voltage SMPS
-
+15.75 V
DC,
+5 V
DC,
+3.3 V
DC Outputs
Short-Circuit Current Protection
Triple Open-Emitter Connections to Negative DC Link
MCU Interface Connections
-
3 High-Side, 3 Low-Side Gate Drive Inputs
-
Fault Output
-
Bus Voltage Sense Output
-
3-Phase Current Sensing, Amplified
NTC Output Signal (when applicable)
Current Sense Resistors (when applicable)
UH
VH
WH
UL
VL
WL
Fo
Rth
Vfo
+5V
+3.3V
+15.75V
GND
Over- Current Sense
Shunt
Resistors
SPM Module
A
B
C
C
B
A
SMPS
+15.75V
+3.3V
+5v
GND
Bridge Rectifier
Bulk Capacitors
P
N
Vbus_sense
GND
Vfo
Rth
Fo
UH
VH
WH
UL
VL
WL
1
2
3
4
5
6
7
8
9
10
11
12
13
J1
J4
J2
J3
1
3
L
N
1
2
3
4
VIU
VIV
VIW
GND
P
N
U
V
W
4
5
6
3
7
8
9
1
2
n/c
14
Figure 3.
Block Diagram


Similar Part No. - FSL206MR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL206MR FAIRCHILD-FSL206MR Datasheet
911Kb / 14P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL206MR ONSEMI-FSL206MR Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FSL206MRBN FAIRCHILD-FSL206MRBN Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FSL206MRBN FAIRCHILD-FSL206MRBN Datasheet
911Kb / 14P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL206MRBN ONSEMI-FSL206MRBN Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

Similar Description - FSL206MR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com