Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVK25 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # LVK25
Description  Four Terminal High Precision Current Sense
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

LVK25 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  LVK25 Datasheet HTML 1Page - Ohmite Mfg. Co. LVK25 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
2
LVK Series
Four Terminal High Precision Current Sense
Current sense resistors enable the measurement of current flow
in a circuit by monitoring a voltage drop across a precisely cali-
brated resistance. The LVK chip features four terminals, also
known as a “Kelvin” configuration. This configuration enables
current to be applied through two opposite terminals and a
sensing voltage to be measured across the other two terminals,
eliminating the resistance and temperature coefficient of the ter-
minals for a more accurate current measurement.
Isolating the voltage and current terminals (see schematic)
facilitates a very accurate current measurement. Ohmite’s pro-
prietary technology offers an excellent Temperature Coefficient
of Resistance (TCR) even for very low resistance values. The
resistive element consists of a durable, anti-corrosive metal
alloy that combines reliable performance with the ability to with-
stand harsh environments.
Power
Resistance
Pkg.
Rating
Range
TCR
Available
Series
Size
(W @70°C)
(
Ω)
(ppm/°C)
Tolerance
Values
LVK12
1206
0.5W
0.01-0.05
50ppm
0.5%, 1%
E12
LVK20
2010
0.75W
0.01-0.05
50ppm
0.5%, 1%
E12
LVK24
2412
1.0W
0.01-0.05
50ppm
0.5%, 1%
E12
0.001
300ppm
1, 2, 3, 4,
LVK25
1224
2.0W
0.002-0.004
200ppm
1%
5, 6, 7, 8,
0.005-0.01
100ppm
9, 10m
Ω
V = sensing terminal
(voltage)
I = current terminal
VV
II
Resistance Range 0.001
Ω - 0.05Ω
Operating
Temperature Range
-40°C to +125°C
Rated Ambient
Temperature
+70°C
Resistance
Tolerance
0.5% and 1% stan-
dard
Temperature
Coefficient
LVK12, LVK20, LVK24:
50ppm standard
LVK25: 100ppm,
200ppm, or 300ppm
based on resistance
value
Coating Material epoxy resin
Terminals 100% matte tin
elememt
Kelvin
ConneCtion
Fea ture S
• Designed for automatic insertion
• Industry standard sizes
• High-precision kelvin connect capabil-
ity in a small package
Serie S Speci F ication S
characteri S tic S
Schematic
per F ormance characteri S tic S
Test Items
Performance
Requirements
Test Methods
Overload ±(0.5%+0.0005
Ω)
Rated voltage x 1.5 for
5s
Endurance at
70°C
±(0.5%+0.0005
Ω)
70°C±3°C, Rated volt-
age 1.5h ON, 0.5h OFF,
1000h
Moisture
resistance
±(0.5%+0.0005
Ω)
60°C±2°C, 90%~95%
RH, Rated voltage 1.5h
ON, 0.5h OFF, 1000h
Rapid change
of temperature
±(0.5%+0.0005
Ω)
-40°C (30min.)/+125°C
(30min.), 5 cycles
Resistance to
soldering heat
±(0.5%+0.0005
Ω)
260°C±5°C for 10s±1s
Substrate
bending
±(0.5%+0.0005
Ω)
Bending width: 2mm for
10s±1s, Glass epoxy
substrate with thickness
of 1.6mm
Solderability 95% or more of the
electrode surface
shall be covered
with new solder
245°C±5°C for 3s±0.5s


Similar Part No. - LVK25

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVK25 OHMITE-LVK25 Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
LVK25 OHMITE-LVK25 Datasheet
434Kb / 3P
   Four Terminal High Precision Current Sense
LVK25 OHMITE-LVK25 Datasheet
422Kb / 3P
   Industry standard sizes
LVK25 OHMITE-LVK25 Datasheet
485Kb / 3P
   Four Terminal High Precision Current Sense
LVK25R005DER OHMITE-LVK25R005DER Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
More results

Similar Description - LVK25

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVK12R005DER OHMITE-LVK12R005DER Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
LVK12R050DER OHMITE-LVK12R050DER Datasheet
224Kb / 1P
   Four Terminal High Precision Current Sense
LVK OHMITE-LVK_18 Datasheet
485Kb / 3P
   Four Terminal High Precision Current Sense
LVK OHMITE-LVK Datasheet
434Kb / 3P
   Four Terminal High Precision Current Sense
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
KOA Speer Electronics, ...
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
   four-terminal current sense resistor
CSR KOA-CSR Datasheet
419Kb / 2P
   four-terminal current sense resistor
CSR1TTED KOA-CSR1TTED Datasheet
100Kb / 2P
   four-terminal current sense resistor
logo
Ohmite Mfg. Co.
RW1S0CKR005FET OHMITE-RW1S0CKR005FET Datasheet
110Kb / 1P
   Surface Mount Four Terminal Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com