Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3V3-SDA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # P3V3-SDA
Description  FRDM-KL46Z Users Manual
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P3V3-SDA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button P3V3-SDA Datasheet HTML 6Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 7Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 8Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 9Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 10Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 11Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 12Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 13Page - Freescale Semiconductor, Inc P3V3-SDA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 10 of 17
Figure 5 SWD Debug Connector
Note that J11 is not-populated by default. A Samtec FTSH-105-02-F-D or compatible connector can be added to
the J11 through-hole connector. A mating cable, such as a Samtec FFSD IDC cable, can then be used to connect
from the OpenSDA of the FRDM-KL46Z to an off-board SWD connector.
Virtual Serial Port
A serial port connection is available between the OpenSDA MCU and pins PTA1 and PTA2 of the KL46. Several of
the default OpenSDA Applications provided by Freescale, including the MSD Flash Programmer and the P&E
Debug Application, provide a USB Communications Device Class (CDC) interface that bridges serial
communications between the USB host and this serial interface on the K20.
5.3 MKL46Z4 Microcontroller
The target microcontroller of the FRDM-KL46Z is the KL462Z256VLL4, a Kinetis L series device in an 100 LQFP
package. The KL46Z MCU features include:.
 32-bit ARM Cortex-M0+ core
o up to 48 MHz operation
o Single-cycle fast I/O access port


Similar Part No. - P3V3-SDA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3V3 NXP-P3V3 Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Semtech Corporation
P3V3B SEMTECH-P3V3B Datasheet
111Kb / 2P
   Silicon Planar Power Zener Diodes?
logo
SEMTECH ELECTRONICS LTD...
P3V3FB1 SEMTECH_ELEC-P3V3FB1 Datasheet
205Kb / 3P
   ZENER DIODES
P3V3FB2 SEMTECH_ELEC-P3V3FB2 Datasheet
205Kb / 3P
   ZENER DIODES
logo
NXP Semiconductors
P3V3_BATT NXP-P3V3_BATT Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
More results

Similar Description - P3V3-SDA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FRDM-KL46Z NXP-FRDM-KL46Z Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com