Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C102K5RACTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # C0805C102K5RACTU
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

C0805C102K5RACTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button C0805C102K5RACTU Datasheet HTML 3Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 4Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 5Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 6Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 7Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 8Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 9Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 10Page - Fairchild Semiconductor C0805C102K5RACTU Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
7
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
3.1. Safety Precautions ***** WARNING *****
Before applying power to the FEBSPM3SPM45_M01MTCA evaluation board, it is
imperative that all involved personnel read and understand the safety precautions and
understand the power on/off procedures.
The FEBSPM3SPM45_M01MTCA evaluation board operates at lethal voltages and has
bulk capacitors that store significant charge. Accidental contact can lead to lab equipment
damage, personnel injury, and may be fatal. Please be exceptionally careful when probing
and handling this board. Always observe normal laboratory precautions, including:
All connected computers and measurement equipment MUST be isolated from the
AC mains before operating voltages are applied to the board. Alternatively, AC/DC
power to the board may be isolated.
When using an oscilloscope with this board, it must be isolated from the AC line.
Alternatively, high-voltage (700 V+) isolated probes may be utilized.
See Figure 4 and Figure 5 for areas on the board that must be avoided due to the
presence of HIGH VOLTAGES. When bulk capacitors are charged, avoid contact
with board circuitry.
Start with a clean working surface, clear of any conductive material.
Be careful while turning on the power switch to the AC source.
Never probe or move a probe on the board while the AC line voltage is present.
LED D8 indicates high voltage is present on the high-voltage bus. Be aware!
Ensure the bulk capacitors are discharged before disconnecting the AC motor and the
MCU. One way to do this is to remove the main power source while the motor is still
motoring with the MCU active. The motor then discharges the output capacitors and
the module is safe to disconnect.
Figure 4. High Voltage Areas (Top Side)


Similar Part No. - C0805C102K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RACTU KEMET-C0805C102K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0805C102K5RACTU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com