Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS-501A Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS-501A
Description  Continuous uniform segments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-501A Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS-501A Datasheet HTML 1Page - Lite-On Technology Corporation LTS-501A Datasheet HTML 2Page - Lite-On Technology Corporation LTS-501A Datasheet HTML 3Page - Lite-On Technology Corporation LTS-501A Datasheet HTML 4Page - Lite-On Technology Corporation LTS-501A Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9-155
Electrical/Optical Characteristics at Ta=25
LTS-5001AWC/5003AWC/LTD-5021AWC/5023AWC/LTC-5653AWC/5753AWC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
320
700
3750
660
35
638
1.6
1.7
1.8
2.4
100
2:1
cd
nm
nm
nm
V
A
IF=1mA
IF=5mA
IF=20mA
IF=20mA
IF=20mA
IF=1mA
IF=5mA
IF=20mA
VR=5V
IF=1mA
LTS-5301AP/5303AP/LTD-5321AP/5323AP/LTC-5653P-01/5753P-01
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment or D.P.
Reverse Current, Per Segment or D.P.
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
320
950
697
90
657
2.1
2.6
100
2:1
cd
nm
nm
nm
V
A
IF=10mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
VR=5V
IF=10mA
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment or D.P.
Reverse Current, Per Segment or D.P.
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
800
2400
565
30
569
2.1
2.6
100
2:1
cd
nm
nm
nm
V
A
IF=10mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
VR=5V
IF=10mA
LTS-5501AE/5503AE/LTD-5521AE/5523AE/LTC-5653E-01/5753E-01
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment or D.P.
Reverse Current, Per Segment or D.P.
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
800
2400
630
40
621
2.0
2.6
100
2:1
cd
nm
nm
nm
V
A
IF=10mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
VR=5V
IF=10mA
LTS-5601AG/5603AG/LTD-5621AG/5623AG/LTC-5653G-01/5753G-01
14-5x01a.p65
2000/7/11, ¤U¤È 06:55
Page 155
Adobe PageMaker 6.5C/Win


Similar Part No. - LTS-501A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-5001AJD LITEON-LTS-5001AJD Datasheet
369Kb / 6P
   LED Display
LTS-5001AWC LITEON-LTS-5001AWC Datasheet
158Kb / 5P
   0.56inch (14.22mm) digit height single digit low current seven-segment display
LTS-5001AWC LITEON-LTS-5001AWC Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5001AWC LITEON-LTS-5001AWC Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5001AWC LITEON-LTS-5001AWC Datasheet
786Kb / 5P
   Continuous uniform segments
More results

Similar Description - LTS-501A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTD-4708JS LITEON-LTD-4708JS Datasheet
148Kb / 5P
   CONTINUOUS UNIFORM SEGMENTS
LTD-5723AY LITEON-LTD-5723AY Datasheet
786Kb / 5P
   Continuous uniform segments
LTD-2601WC LITEON-LTD-2601WC Datasheet
138Kb / 5P
   CONTINOUS UNIFORM SEGMENTS
logo
Everlight Electronics C...
EALP03SXABA0 EVERLIGHT-EALP03SXABA0 Datasheet
501Kb / 13P
   Uniform color.
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
   Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
   Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
   Uniform light disbursement
XGURUGX10D SUNLED-XGURUGX10D Datasheet
258Kb / 3P
   Uniform light disbursement
logo
Laird Tech Smart Techno...
SJS515090-16 LSTD-SJS515090-16 Datasheet
641Kb / 2P
   Uniform cell coverage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com