Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF5821DCCT-ND Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDMF5821DCCT-ND
Description  FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF5821DCCT-ND Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDMF5821DCCT-ND Datasheet HTML 6Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 7Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 8Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 9Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 10Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 11Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 12Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 13Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF5821DC • Rev. 1.0.1
10
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=250 nH, TA=25°C and natural convection cooling,
unless otherwise noted.
Figure 22.
EN Pull-Down Current vs. Temperature
Figure 23.
Boot Diode Forward Voltage
vs. Temperature
Figure 24.
Driver Shutdown Current
vs. Temperature
Figure 25.
Driver Quiescent Current vs. Temperature
0.37
0.38
0.39
0.4
0.41
0.42
0.43
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VCC = 5V
300
350
400
450
500
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
IF = 10mA
-1
-0.5
0
0.5
1
1.5
2
2.5
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
PVCC & VCC = 5V, PWM = 0V, ZCD# = 0V, EN = 0V
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
PVCC & VCC = 5V, ZCD# = 5V, EN = 5V
PWM = 0V
PWM = 5V
PWM = Float


Similar Part No. - FDMF5821DCCT-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
More results

Similar Description - FDMF5821DCCT-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
   Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
   Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com