Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF5821DCCT-ND Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMF5821DCCT-ND
Description  FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF5821DCCT-ND Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMF5821DCCT-ND Datasheet HTML 1Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 2Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 3Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 4Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 5Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 6Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 7Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 8Page - Fairchild Semiconductor FDMF5821DCCT-ND Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF5821DC • Rev. 1.0.1
5
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Basic Operation
IQ
Quiescent Current
IQ=IVCC + IPVCC, EN=HIGH, PWM=LOW or
HIGH or Float (Non-Switching)
2
mA
ISHDN
Shutdown Current
ISHDN=IVCC + IPVCC, EN=GND
3
µA
VUVLO
UVLO Threshold
VCC Rising
3.5
3.8
4.1
V
VUVLO_HYST
UVLO Hysteresis
0.4
V
tD_POR
POR Delay to Enable IC
VCC UVLO Rising to Internal PWM Enable
20
µs
EN Input
VIH_EN
High-Level Input Voltage
2.0
V
VIL_EN
Low-Level Input Voltage
0.8
V
RPLD_EN
Pull-Down Resistance
250
kΩ
tPD_ENL
EN LOW Propagation Delay
PWM=GND, EN Going LOW to GL Going
LOW
25
ns
tPD_ENH
EN HIGH Propagation Delay
PWM=GND, EN Going HIGH to GL
Going HIGH
20
µs
ZCD# Input
VIH_ZCD#
High-Level Input Voltage
2.0
V
VIL_ZCD#
Low-Level Input Voltage
0.8
V
IPLU_ZCD#
Pull-Up Current
10
µA
tPD_ZLGLL
ZCD# LOW Propagation Delay
PWM=GND, ZCD# Going LOW to GL
Going LOW (assume IL <=0)
10
ns
tPD_ZHGLH
ZCD# HIGH Propagation Delay
PWM=GND, ZCD# Going HIGH to GL
Going HIGH
10
ns
PWM Input
RUP_PWM
Pull-Up Impedance
Typical Values: TA=TJ=25°C,
VCC=PVCC=5 V,
Min. / Max. Values:
TA=TJ=-40°C to 125°C,
VCC=PVCC=5 V ±10%
10
kΩ
RDN_PWM
Pull-Down Impedance
10
kΩ
VIH_PWM
PWM High Level Voltage
3.8
V
VTRI_Window
3-State Window
1.2
3.1
V
VIL_PWM
PWM Low Level Voltage
0.8
V
tD_HOLD-OFF
3-State Shut-Off Time
90
130
ns
VHIZ_PWM
3-State Open Voltage
2.1
2.5
2.9
V
Minimum Controllable On-Time
tMIN_PWM_ON
PWM Minimum Controllable On-
Time
Minimum PWM HIGH Pulse Required for
SW Node to Switch from GND to VIN
30
ns
Forced Minimum GL HIGH Time
tMIN_GL_HIGH
Forced Minimum GL HIGH
Minimum GL HIGH Time when LOW
VBOOT-SW detected and PWM
LOW=<100 ns
100
ns
PWM Propagation Delays & Dead Times (VIN=12 V, VCC=PVCC=5 V, fSW=1 MHz, IOUT=20 A, TA=25°C)
tPD_PHGLL
PWM HIGH Propagation Delay
PWM Going HIGH to GL Going LOW,
VIH_PWM to 90% GL
15
ns
tPD_PLGHL
PWM LOW Propagation Delay
PWM Going LOW to GH(6) Going LOW,
VIL_PWM to 90% GH
30
ns
tPD_PHGHH
PWM HIGH Propagation Delay
(ZCD# Held LOW)
PWM Going HIGH to GH Going HIGH,
VIH_PWM to 10% GH (ZCD#=LOW, IL=0,
Assumes DCM)
10
ns
Continued on the following page…


Similar Part No. - FDMF5821DCCT-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
More results

Similar Description - FDMF5821DCCT-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
   Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
   Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com