Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPF190N60E Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCPF190N60E
Description  FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF190N60E Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCPF190N60E Datasheet HTML 1Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 2Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 3Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 4Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 5Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 6Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 7Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 8Page - Fairchild Semiconductor FCPF190N60E Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
FCP190N60E / FCPF190N60E Rev. C10
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.3
1
10
50
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain to Source Voltage[V]
VGS = 15.0V
10.0V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
2345678
1
10
100
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate to Source Voltage[V]
0
1020304050
60
0.1
0.2
0.3
0.4
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.20.4
0.60.8
1.01.2
1.41.6
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
100
600
0.5
1
10
100
1000
10000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain to Source Voltage [V]
0
15
30456075
0
2
4
6
8
10
*Note: ID = 10A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Similar Part No. - FCPF190N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF190N60E FAIRCHILD-FCPF190N60E Datasheet
237Kb / 10P
   600V N-Channel MOSFET
FCPF190N60E FAIRCHILD-FCPF190N60E Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FCPF190N60E ISC-FCPF190N60E Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results

Similar Description - FCPF190N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
FCPF190N65FL1-F154 ONSEMI-FCPF190N65FL1-F154 Datasheet
321Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCD380N60ECT-ND FAIRCHILD-FCD380N60ECT-ND Datasheet
602Kb / 9P
   FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com