Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1940LEFE Datasheet(PDF) 1 Page - Linear Dimensions Semiconductor

Part # LT1940LEFE
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1940LEFE Datasheet(HTML) 1 Page - Linear Dimensions Semiconductor

  LT1940LEFE Datasheet HTML 1Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 2Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1940LEFE Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1940/LT1940L
1
1940fa
TYPICAL APPLICATIO
FEATURES
APPLICATIO S
DESCRIPTIO
s
Disk Drives
s
DSP Power Supplies
s
Wall Transformer Regulation
s
Distributed Power Regulation
s
DSL Modems
s
Cable Modems
s
Wide Input Voltage Range
LT1940: 3.6V to 25V
LT1940L: 3.6V to 7V
s
Two 1.4A Output Switching Regulators with
Internal Power Switches
s
Constant 1.1MHz Switching Frequency
s
Anti-Phase Switching Reduces Ripple
s
Independent Shutdown/Soft-Start Pins
s
Independent Power Good Indicators Ease
Supply Sequencing
s
Uses Small Inductors and Ceramic Capacitors
s
Small 16-Lead Thermally Enhanced
TSSOP Surface Mount Package
Dual Monolithic 1.4A,
1.1MHz Step-Down
Switching Regulator
The LT
®1940 is a dual current mode PWM step-down
DC/DC converter with internal 2A power switches. Both con-
verters are synchronized to a single 1.1MHz oscillator and
run with opposite phases, reducing input ripple current. The
output voltages are set with external resistor dividers, and
each regulator has independent shutdown and soft-start
circuits. Each regulator generates a power-good signal
when its output is in regulation, easing power supply se-
quencing and interfacing with microcontrollers and DSPs.
The LT1940’s 1.1MHz switching frequency allows the use
of tiny inductors and capacitors, resulting in a very small
dual 1.4A output solution. Constant frequency and ceramic
capacitors combine to produce low, predictable output
ripple voltage. With its wide input range of 3.6V to 25V, the
LT1940 regulates a wide variety of power sources, from
4-cell batteries and 5V logic rails to unregulated wall trans-
formers, lead acid batteries and distributed-power supplies.
The LT1940L is intended to operate from regulated 5V
supplies. A current mode PWM architecture provides fast
transient response with simple compensation components
and cycle-by-cycle current limiting. Frequency foldback and
thermal shutdown provide additional protection.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. 3.3V and 5V Dual Output Step-Down Converter with Output Sequencing (LT1940)
Efficiency vs Load Current
VIN
7V TO 25V
BOOST1
SW1
FB1
VC1
RUN/SS1
RUN/SS2
BOOST2
SW2
FB2
VC2
PG1
PG2
LT1940
VIN
GND
1940 F01
330pF
10
µF
10
µF
4.7
µF
0.1
µF
0.1
µF
15k
330pF
15k
10.0k
16.5k
100k
30.1k
10.0k
4.7
µH
3.3
µH
POWER
GOOD
OUT2
5V
1.4A
OUT1
3.3V
1.4A
UPS140
UPS140
CMDSH-3
1nF
CMDSH-3
LOAD CURRENT (A)
0
100
90
80
70
60
0.5
1.0
1940 F01b
1.5
VIN = 12V
VOUT = 5V
VOUT = 3.3V


Similar Part No. - LT1940LEFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results

Similar Description - LT1940LEFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com